Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-26WJ4PN Datasheet(PDF) 19 Page - ITT Industries

Part # D38999-26WJ4PN
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999-26WJ4PN Datasheet(HTML) 19 Page - ITT Industries

Back Button D38999-26WJ4PN Datasheet HTML 15Page - ITT Industries D38999-26WJ4PN Datasheet HTML 16Page - ITT Industries D38999-26WJ4PN Datasheet HTML 17Page - ITT Industries D38999-26WJ4PN Datasheet HTML 18Page - ITT Industries D38999-26WJ4PN Datasheet HTML 19Page - ITT Industries D38999-26WJ4PN Datasheet HTML 20Page - ITT Industries D38999-26WJ4PN Datasheet HTML 21Page - ITT Industries D38999-26WJ4PN Datasheet HTML 22Page - ITT Industries D38999-26WJ4PN Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
17
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon KJA/KJB
MIL-DTL-38999 Series III Connectors
Wall Mount Receptacle
Straight Plug Grounded
D38999/20
R
1
R
2
KJA0T
Z
W
MAX.
V THREAD
M
B
THREAD
S
T
4 PLACES
.520 (13.20) MAX
BLUE BAND
(INDICATES REAR
RELEASE CONTACT
RETENTION SYSTEM)
TT 4 PLACES
RED BAND
(FULLY MATED
INDICTAOR BAND)
.230 MAX PANEL
THICKNESS (including mounting hardware)
Shell
Size
MS
Shell size
Code
B Thread
Class 2A
(Plated)
M
+.000 (.000)
-.005 (.130)
T
+.004 (.100)
-.002 (.050)
TT
+.004 (.100)
-.002 (.050)
Z
+.005 (.130)
-.010 (.250)
Metric V
Thread
(Plated)
W
Max.
S
+_.012 (.300)
R 1
R 2
9
11
13
15
17
19
21
23
25
A
B
C
D
E
F
G
H
J
.6250-0.1P-0.3L-TS
.7500-0.1P-0.3L-TS
.8750-0.1P-0.3L-TS
1.0000-0.1P-0.3L-TS
1.1875-0.1P-0.3L-TS
1.2500-0.1P-0.3L-TS
1.3750-0.1P-0.3L-TS
1.5000-0.1P-0.3L-TS
1.6250-0.1P-0.3L-TS
.820 (20.83)
.820 (20.83)
.820 (20.83)
.820 (20.83)
.820 (20.83)
.820 (20.83)
.790 (20.07)
.790 (20.07)
.790 (20.07)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
1.500 (38.10)
.594 (15.09)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
.938 (23.83)
1.031 (26.19)
1.125 (28.58)
1.219 (30.96)
1.312 (33.32)
1.438 (36.53)
1.562 (39.67)
1.688 (42.88)
1.812 (46.02)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.154 (3.91)
.154 (3.91)
.216 (5.49)
.194 (4.93)
.194 (4.93)
.173 (4.39)
.194 (4.93)
.194 (4.93)
.194 (4.93)
.242 (6.15)
.242 (6.15)
M12X1-6g0.100R
M15X1-6g0.100R
M18X1-6g0.100R
M22X1-6g0.100R
M25X1-6g0.100R
M28X1-6g0.100R
M31X1-6g0.100R
M34X1-6g0.100R
M37X1-6g0.100R
.098 (2.50)
.098 (2.50)
.098 (2.50)
.098 (2.50)
.098 (2.50)
.098 (2.50)
.126 (3.20)
.126 (3.20)
.126 (3.20)
1.235 (31.36)
1.235 (31.36)
1.235 (31.36)
1.235 (31.36)
1.235 (31.36)
1.235 (31.36)
1.235 (31.36)
1.235 (31.36)
1.235 (31.36)
Z
KJA6T
D38999/26
Shell
Size
MS
Shell size
Code
B
+.008 (.200)
-.000 (.000)
W
+.008 (.200)
-.004 (.100)
D Thread
Class 2B
(Plated)
K
Max.
L
Max.
Q
Dia Max.
9
11
13
15
17
19
21
23
25
A
B
C
D
E
F
G
H
J
.724 (18.40)
.831 (21.10)
1.000 (25.40)
1.130 (28.70)
1.268 (32.20)
1.374 (34.90)
1.500 (38.10)
1.618 (41.40)
1.744 (44.30)
.6250-0.1P-0.3L-TS
.7500-0.1P-0.3L-TS
.8750-0.1P-0.3L-TS
1.0000-0.1P-0.3L-TS
1.1875-0.1P-0.3L-TS
1.2500-0.1P-0.3L-TS
1.3750-0.1P-0.3L-TS
1.5000-0.1P-0.3L-TS
1.6250-0.1P-0.3L-TS
Q
D THREAD
W
L
B
V THREAD
.185 (4.70) +_ .016 (0.40)
BLUE BAND
(INDICATES REAR
RELEASE CONTACT
RETENTION SYSTEMS
K
.244 (6.20)+.012 (0.30)
-.000 (0.00)
.748 (19.00)
.862 (21.90)
1.027 (26.10)
1.153 (29.30)
1.291 (32.80)
1.398 (35.50)
1.524 (38.70)
1.642 (41.70)
1.768 (44.90)
1.234 (31.34)
1.234 (31.34)
1.234 (31.34)
1.234 (31.34)
1.234 (31.34)
1.234 (31.34)
1.234 (31.34)
1.234 (31.34)
1.234 (31.34)
.859 (21.82)
.969 (24.61)
1.141 (28.98)
1.266 (32.16)
1.391 (35.53)
1.500 (38.10)
1.625 (41.28)
1.750 (44.45)
1.875 (47.62)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.760 (19.30)
Metric V
Thread
(Plated)
M12X1-6g0.100R
M15X1-6g0.100R
M18X1-6g0.100R
M22X1-6g0.100R
M25X1-6g0.100R
M28X1-6g0.100R
M31X1-6g0.100R
M34X1-6g0.100R
M37X1-6g0.100R
Performance Specifications-Pages 3 and 4.
Contacts, Sealing Plugs, Assembly Tools - Pages 22, 28, and 29.
Contact Arrangements - Pages 20 and 21.


Similar Part No. - D38999-26WJ4PN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-26WB2SN AMPHENOL-D38999-26WB2SN Datasheet
1Mb / 53P
Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-26WC4SN AMPHENOL-D38999-26WC4SN Datasheet
1Mb / 53P
Amphenol Tri-Start Subminiature Cylindrical Connectors
More results

Similar Description - D38999-26WJ4PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
Adapter for MIL-DTL-38999 Connectors
logo
ITT Industries
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com