Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-26WJ4PN Datasheet(PDF) 18 Page - ITT Industries

Part # D38999-26WJ4PN
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999-26WJ4PN Datasheet(HTML) 18 Page - ITT Industries

Back Button D38999-26WJ4PN Datasheet HTML 14Page - ITT Industries D38999-26WJ4PN Datasheet HTML 15Page - ITT Industries D38999-26WJ4PN Datasheet HTML 16Page - ITT Industries D38999-26WJ4PN Datasheet HTML 17Page - ITT Industries D38999-26WJ4PN Datasheet HTML 18Page - ITT Industries D38999-26WJ4PN Datasheet HTML 19Page - ITT Industries D38999-26WJ4PN Datasheet HTML 20Page - ITT Industries D38999-26WJ4PN Datasheet HTML 21Page - ITT Industries D38999-26WJ4PN Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
16
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
How To Order
Military Nomenclature
D38999
20
F
C
35
A
N
CONNECTOR TYPE
SHELL STYLE
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT STYLE
POLARIZING POSITION
Military
Designation
A
9
B
11
C
13
D
15
E
17
F
19
G
21
H
23
J
25
Cannon
Designation
SHELL SIZE
SERVICE CLASS
(HARDWARE FINISH)
KJA
0
T
13
F
35
P
N
L
Military
Designation
9
A
11
B
13
C
15
D
17
E
19
F
21
G
23
H
25
J
Cannon
Designation
SERIES PREFIX
SHELL STYLE
CLASS
SHELL SIZE
HARDWARE FINISH
CONTACT ARRANGEMENT
CONTACT STYLE
POLARIZING POSITION
MODIFICATION CODE
SHELL SIZE
Cannon Nomenclature
SERIES PREFIX
KJA/KJB* - Series III - Scoop proof,
threaded coupling
SHELL STYLE
0 - Wall mount receptacle
6 - Straight plug
7 - Jam nut receptacle
CLASS
T - Environment-resistant (without
rear accessory)
* Consult factory for applicable layouts
HARDWARE FINISH
F - Electroless nickel, - 85ºF to +392ºF
(-65ºC to +200ºC)
G - Electroless nickel plated. Space Grade.
W - Olive drab cadmium over electroless nickel
plate, -85ºF to +347ºF (-65ºC to +175ºC)
Z - Zinc Nickel, Black
- - (Dash) When using a finish modification code
CONTACT ARRANGEMENTS
See pages 20 and 21.
CONTACT STYLE
P -Pin contacts
S -Socket contacts
POLARIZING POSITION
N (normal) A, B, C, D, E. See page 19.
MODIFICATION CODE
L -
Less contacts, not stamped on connector
16 - Outgassed
NASA space graded connector
27-
Outgassed, standard connector
A296 Black Zinc Cobalt, RoHS Compliant
T69 Olive Drab (Green) Zinc Cobalt
CONNECTOR TYPE
D38999/ - MIL-DTL-38999 Series III
SHELL STYLE
D38999/20 - Wall mount receptacle
D38999/24 - Jam nut receptacle
D38999/26 - Straight Plug, Grounded
SERVICE CLASS
(Hardware Finish)
F - Electroless nickel - 85ºF to +392ºF
(-65ºC to +200ºC)
G - Electroless nickel plated. Space Grade.
W - Olive drab cadmium over electroless nickel
plate, -85ºF to +347ºF (-65ºC to +175ºC)
CONTACT ARRANGEMENT
See pages 20, 21.
CONTACT STYLE
P - Pin conatcts
S - Socket contact
A - Less Pin contacts*
B - Less Socket contact*
* Used only when other than power contacts are to
be installed (i,e., shielded, thermocouple, etc.)
POLARIZING POSITION
N (normal), A, B, C, D, E. See page 19.
Note: To order MS connectors less standard power
contacts, purchase order must state "Less Contacts”.
Cannon KJA/KJB
MIL-DTL-38999 Series III Connectors


Similar Part No. - D38999-26WJ4PN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-26WB2SN AMPHENOL-D38999-26WB2SN Datasheet
1Mb / 53P
Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-26WC4SN AMPHENOL-D38999-26WC4SN Datasheet
1Mb / 53P
Amphenol Tri-Start Subminiature Cylindrical Connectors
More results

Similar Description - D38999-26WJ4PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
Adapter for MIL-DTL-38999 Connectors
logo
ITT Industries
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com