Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-20WG-41PN Datasheet(PDF) 12 Page - ITT Industries

Part # D38999-20WG-41PN
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999-20WG-41PN Datasheet(HTML) 12 Page - ITT Industries

Back Button D38999-20WG-41PN Datasheet HTML 8Page - ITT Industries D38999-20WG-41PN Datasheet HTML 9Page - ITT Industries D38999-20WG-41PN Datasheet HTML 10Page - ITT Industries D38999-20WG-41PN Datasheet HTML 11Page - ITT Industries D38999-20WG-41PN Datasheet HTML 12Page - ITT Industries D38999-20WG-41PN Datasheet HTML 13Page - ITT Industries D38999-20WG-41PN Datasheet HTML 14Page - ITT Industries D38999-20WG-41PN Datasheet HTML 15Page - ITT Industries D38999-20WG-41PN Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
10
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
How To Order
SHELL SIZE
8, 10, 12, 14, 16, 18, 20, 22, 24.
HARDWARE FINISH STANDARD
A - Bright cadmium over electroless nickel plate, -
85ºF to + 302ºF (- 65ºC to
+ 150ºC)
B - Olive drab cadmium over electoless nickel
plate, - 85ºF to + 347ºF (- 65ºC to
+ 175ºC)
F - Electroless nickel, - 85ºF to + 392ºF
(-65ºC to + 200ºC)
MS NUMBER SHELL STYLE
CLASS
SHELL SIZE
HARDWARE FINISH
CONTACT ARRANGEMENT
CONTACT STYLE
POLARIZING POSITION
MS27473
T
18
F
35
S
CONTACT ARRANGEMENT
See pages 20 and 21.
CONTACT STYLE
P - Pin
S - Socket
*A - Less Pin Contact
*B - Less Socket Contact
*Used only when other than power contacts are to
be installed (i.e. shielded, thermocouple, etc.)
POLARIZING POSITION
A, B, C, and D (no letter required for normal).
See page 19.
Note: To order MS connectors less standard power
contacts, purchase order must state "Less
Contacts".
MS NUMBER SHELL STYLE
MS27472 - Wall Mounting Receptacle
MS27473 - Straight Plug
MS27474 - Jam Nut Receptacle
MS27484 - Grounded Plug
MS27497 - Wall Mounting Receptacle (back panel
mounting)
MS27513 - Box Mounting Receptacle
MS27499 - Box Mounting Receptacle (Class E)
MS27508 - Box Mounting (back panel mounting)
(Class E)
CLASS
E - Environment - resistant with rear accessory
(without strain relief)
G - Environmental - resistant wall mount and jam
nut receptacle and plug types. Space Grade.
P - Enironment - resistant with straight potting
cup accessories
T - Environment - resistant (without rear accesso-
ry). (Class T not applicable to MS27499,
MS27513, and MS27508.)
Military Nomenclature
SHELL SIZE
8, 10, 12, 14, 16, 18, 20, 22, and 24.
HARDWARE FINISH STANDARD
A - Bright cadmium over electroless nickel plate, -
85ºF to + 302ºF (- 65ºC to
+ 150ºC)
B - Olive drab cadmium over electroless nickel
plate, - 85ºF to + 347ºF (- 65ºC to + 175˚C)
N - Electroless nickel, - 85ºF to + 392ºF
(-65ºC to + 200ºC)
Z - Zinc Nickel, Black
- - (Dash) When using a finish modification code
SERIES PREFIX
SHELL STYLE
CLASS
SHELL SIZE
HARDWARE FINISH
CONTACT ARRANGEMNT
CONTACT STYLE
POLARIZING POSITION
MODIFICATION CODE
Note KJ supplied with exact complement of contacts.
KJ
6
T
18 N
35
S N
CONTACT ARRANGMENT
See pages 20 and 21.
CONTACT STYLE
P - Pin
S - Socket
POLARIZING POSITION
N(normal), A, B, C, D, see page 19.
MODIFICATION CODE
L -
Less contacts, not stamped on connector
16 - Outgassed
NASA space graded connector
27-
Outgassed, standard connector
A296 Black ZInc Cobalt, RoHS Compliant
T69 Olive Drab (Green) Zinc Cobalt
SERIES PREFIX
KJ - Series II - Low Profile
SHELL STYLE
0 - Wall mounting receptacle
2 - Box mounting receptacle
3 - Wall mounting receptacle (back panel
mounting)
5 - Box mounting receptacle (back panel
mounting)
6 - Straight plug
G6 - Straight plug, grounded
7 - Jam nut receptacle
CLASS
E - Environment - resistant with rear accessory
(without strain relief)
F - Environment - resistant with strain relief acc-
cessory
G - Environmental - resistant wall mount and jam
nut receptacle and plug type. Space Grade.
P - Environment - resistant with straight potting
cup accessory
R - Environment - resistant with full grommet seal
without rear accessory; shell styles 2 and 5
only
T - Environment - resistant (without rear
accessory). (Class T not applicable to KJ2E,
KJ2R, KJ5E and KJ5R.)
ITT Nomenclature
Cannon KJ
MIL-DTL-38999 Series II Connectors


Similar Part No. - D38999-20WG-41PN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-20WA35PN AMPHENOL-D38999-20WA35PN Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
logo
List of Unclassifed Man...
D38999-20WC98PN ETC2-D38999-20WC98PN Datasheet
11Mb / 122P
   High density (#22D) MI L-spec circular (1980?셲)
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
More results

Similar Description - D38999-20WG-41PN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
   Adapter for MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com