Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999 Datasheet(PDF) 6 Page - ITT Industries

Part # D38999
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999 Datasheet(HTML) 6 Page - ITT Industries

Back Button D38999 Datasheet HTML 2Page - ITT Industries D38999 Datasheet HTML 3Page - ITT Industries D38999 Datasheet HTML 4Page - ITT Industries D38999 Datasheet HTML 5Page - ITT Industries D38999 Datasheet HTML 6Page - ITT Industries D38999 Datasheet HTML 7Page - ITT Industries D38999 Datasheet HTML 8Page - ITT Industries D38999 Datasheet HTML 9Page - ITT Industries D38999 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
4
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Performance and Material Specifications
Test Data
MATERIALS AND FINISHES
Receptacle
Shell
Insulator
Contacts
Grommet and Seal
Jam Nut
Grounding Spring
*Finish as noted in How To Order sections.
28
26
24
22
20
18
16
14
12
Sea Level
50,000 ft.
70,000 ft.
100,000 ft.
1300
1300
800
550
800
350
800
200
1800
1800
1000
600
1000
400
1000
200
2300
2300
1000
800
1000
500
1000
200
1.5
2.0
3.0
5.0
-
-
-
-
-
1.5
2.0
3.0
-
-
-
-
-
-
-
2.0
3.0
5.0
-
-
-
-
-
-
-
3.0
5.0
7.5
-
-
-
-
-
-
-
-
7.5
10.0
13.0
-
-
-
-
-
-
-
-
-
17.0
23.0
Aluminum alloy
High grade plastic
Copper alloy, gold plate
Silicone base elastomer
Aluminum alloy
-
Aluminum alloy*
High grade plastic
Copper alloy, gold plate
Silicone base elastomer
-
Beryllium copper
Grounded Plug
Contact Size and Test Amps
Wire
Size
Altitude
Service Rating M
Mated
Unmated
Service Rating I
Mated
Unmated
Service Rating II
Mated
Unmated
22D
22M*
22*
20
16
12
ELECTRICAL DATA
Contact Size: 22D, 22M*, 22*, 20, 16 and 12
Service Rating
Test voltage, AC (rms)
Contact Rating and Wire Size Accomodation
1000
1000
600
400
600
260
600
200
Service Rating N
Mated
Unmated
*For reference only
500 cycles of mating and unmating, 250 cycles for Series II with spring fingers
Class F: EMI leakage attenuation, greater than 90dB at 100Mhz, greater than 65dB
at 10 GHz. Shell to shell conductivity, 1.0 millivolt max. resistance.
Class W: EMI leakage attenuation, greater than 90dB at 100 MHz, greater than 50dB
at 10 GHz. Shell to shell conductivity, 2.5 millivolt max.
Class B, W, and Z will withstand 500 hours salt spray.
Class A, F, N, will withstand 48 hours salt spray.
Connectors are fluid resistant to many fuels, solvents, coolants and oils.
Mated conectors terminated with MIL-C-915 cable and environmentally sealed
backshells will withstand high impact shock per MIL-S-901. Applicable to Series
I & III only.
Designed to operate between sea level and 100,000 ft. above sea level.
Mated connectors shall withstand sand and dust per method 110 of MIL-STD-202 and
be ice resistant. Applicable to Series I & III only.
NOTE: For hermetic standard or test data please consult ITT.
Mated connectors are vibrated with weights to simulate rear accessory loads to
the following levels:
Sine Vibration:
Random Vibration:
Up to 60 G's - Series I & III (at rated temperature - Series III)
Not applicable for Series II.
43.7 Grms at rated temperature - Series III
49.5 Grms at Ambient Temperature - Series I & III
43.7 Grms at Ambient Temperature - Series II
Test Description
Parameters
Durability
Temperature Range
Vibration
EMI Shielding
Effectiveness
Corrosion Resistant
Fluid Immersion
High Impact Shock
Altitude
Other Environments
Class F, N; - 65ºC (-85ºF) to + 200ºC (+392ºF) Class A; - 65ºC (-85ºF) to + 150ºC (+302ºF)
Class B,W: - 65ºC (-85ºF) to + 175ºC (+347ºF)
Cannon KJL/KJ/KJA/KJB
MIL-DTL-38999 Series I, II, III Connectors


Similar Part No. - D38999

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
D38999 GLENAIR-D38999 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
List of Unclassifed Man...
D38999 ETC2-D38999 Datasheet
473Kb / 10P
   Features and Application Series III
logo
Bel Fuse Inc.
D38999 BEL-D38999 Datasheet
694Kb / 2P
   Expanded Beam Connectors
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
More results

Similar Description - D38999

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
   Adapter for MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com