Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C256 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # 24C256
Description  2-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C256 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button 24C256 Datasheet HTML 7Page - ATMEL Corporation 24C256 Datasheet HTML 8Page - ATMEL Corporation 24C256 Datasheet HTML 9Page - ATMEL Corporation 24C256 Datasheet HTML 10Page - ATMEL Corporation 24C256 Datasheet HTML 11Page - ATMEL Corporation 24C256 Datasheet HTML 12Page - ATMEL Corporation 24C256 Datasheet HTML 13Page - ATMEL Corporation 24C256 Datasheet HTML 14Page - ATMEL Corporation 24C256 Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AT24C128/256
14
Packaging Information
5.15 (0.203)
4.85 (0.191)
6.15 (0.242)
5.85 (0.230)
0.42 (0.017)
0.34 (0.013)
1.30 (0.051)
1.00 (0.039)
1.27 (0.050) TYP
0.41 (0.016) TYP
0.64 (0.025) TYP
1
2
3
4
8
7
6
5
TOP VIEW
SIDE
VIEW
BOTTOM VIEW
5.15 (0.203)
4.85 (0.191)
8.15 (0.321)
7.85 (0.309)
0.42 (0.017)
0.34 (0.013)
1.30 (0.051)
1.00 (0.039)
1.27 (0.050) TYP
0.41 (0.016) TYP
0.64 (0.025) TYP
1
2
3
4
8
7
6
5
TOP VIEW
SIDE
VIEW
BOTTOM VIEW
.400 (10.16)
.355 (9.02)
PIN
1
.280 (7.11)
.240 (6.10)
.037 (.940)
.027 (.690)
.300 (7.62) REF
.210 (5.33) MAX
SEATING
PLANE
.100 (2.54) BSC
.015 (.380) MIN
.022 (.559)
.014 (.356)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.325 (8.26)
.300 (7.62)
0
15
REF
.430 (10.9) MAX
.012 (.305)
.008 (.203)
.020 (.508)
.013 (.330)
PIN 1
.157 (3.99)
.150 (3.81)
.244 (6.20)
.228 (5.79)
.050 (1.27) BSC
.196 (4.98)
.189 (4.80)
.068 (1.73)
.053 (1.35)
.010 (.254)
.004 (.102)
0
8
REF
.010 (.254)
.007 (.203)
.050 (1.27)
.016 (.406)
8C, 8-Lead, 0.230" Wide, Leadless Array Package
(LAP)
Dimensions in Inches and (Millimeters)
8C1, 8-Lead, 0.300" Wide, Leadless Array Package
(LAP)
Dimensions in Inches and (Millimeters)
8P3, 8-Lead, 0.300" Wide,
Plastic Dual Inline Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 BA
8S1, 8-Lead, 0.150" Wide,
Plastic Gull Wing Small Outline (JEDEC SOIC)
Dimensions in Inches and (Millimeters)


Similar Part No. - 24C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
24C256 FAIRCHILD-24C256 Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24C256 ETC1-24C256 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
logo
SYC Electronica
24C256 SYC-24C256 Datasheet
336Kb / 15P
   2-Wire Serial EEPROMs
More results

Similar Description - 24C256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com