Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV010A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT29LV010A
Description  1 Megabit 128K x 8 3-volt Only CMOS Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV010A Datasheet(HTML) 4 Page - ATMEL Corporation

  AT29LV010A Datasheet HTML 1Page - ATMEL Corporation AT29LV010A Datasheet HTML 2Page - ATMEL Corporation AT29LV010A Datasheet HTML 3Page - ATMEL Corporation AT29LV010A Datasheet HTML 4Page - ATMEL Corporation AT29LV010A Datasheet HTML 5Page - ATMEL Corporation AT29LV010A Datasheet HTML 6Page - ATMEL Corporation AT29LV010A Datasheet HTML 7Page - ATMEL Corporation AT29LV010A Datasheet HTML 8Page - ATMEL Corporation AT29LV010A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1. After power is applied and VCC is at the minimum specified data sheet value, the system should wait 20 ms before an operational
mode is started.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
1
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
1
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
20
µA
Ind.
50
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
1mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA; VCC = 3.6V
15
mA
VIL
Input Low Voltage
0.6
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 3.0V
.45
V
VOH
Output High Voltage
IOH = -100
µA; VCC = 3.0V
2.4
V
DC and AC Operating Range
AT29LV010A-15
AT29LV010A-20
AT29LV010A-25
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
(1)
3.3V
± 0.3V
3.3V
± 0.3V
3.3V
± 0.3V
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program (2)
VIL
VIH
VIL
Ai
DIN
5V Chip Erase
VIL
VIH
VIL
Ai
Standby/Write Inhibit
VIH
X
(1)
X
X
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A16 = VIL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code (4)
A1 - A16 = VIL, A9 = VH,
(3)
A0 = VIH
Device Code (4)
Software (5)
A0 = VIL, A1 - A16 =VIL
Manufacturer Code (4)
A0 = VIH, A1 - A16 =VIL
Device Code (4)
4. Manufacturer Code: 1F, Device Code: 35.
5. See details under Software Product Identification Entry/Exit.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V
± 0.5V.
BOOT BLOCK LOCKOUT DETECTION:
A software
method is available to determine whether programming of
either boot block section is locked out. See Software Prod-
uct Identification Entry and Exit sections. When the device
is in the software product identification mode, a read from
location 00002H will show if programming the lower ad-
Device Operation (Continued)
dress boot block is locked out while reading location
1FFF2H will do so for the upper boot block. If the data is
FE, the corresponding block can be programmed; if the
data is FF, the program lockout feature has been activated
and the corresponding block cannot be programmed. The
software product identification exit mode should be used
to return to standard operation.
4-56
AT29LV010A


Similar Part No. - AT29LV010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-12JC ATMEL-AT29LV010A-12JC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12JI ATMEL-AT29LV010A-12JI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TC ATMEL-AT29LV010A-12TC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TI ATMEL-AT29LV010A-12TI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com