Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV010A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT29LV010A
Description  1 Megabit 128K x 8 3-volt Only CMOS Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV010A Datasheet(HTML) 3 Page - ATMEL Corporation

  AT29LV010A Datasheet HTML 1Page - ATMEL Corporation AT29LV010A Datasheet HTML 2Page - ATMEL Corporation AT29LV010A Datasheet HTML 3Page - ATMEL Corporation AT29LV010A Datasheet HTML 4Page - ATMEL Corporation AT29LV010A Datasheet HTML 5Page - ATMEL Corporation AT29LV010A Datasheet HTML 6Page - ATMEL Corporation AT29LV010A Datasheet HTML 7Page - ATMEL Corporation AT29LV010A Datasheet HTML 8Page - ATMEL Corporation AT29LV010A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(continued)
HARDWARE DATA PROTECTION:
Hardware features
protect against inadvertent programs to the AT29LV010A
in the following ways: (a) VCC sense— if VCC is below 1.8V
(typical), the program function is inhibited. (b) VCC power
on delay— once VCC has reached the VCC sense level,
the device will automatically time out 10 ms (typical) be-
fore programming. (c) Program inhibit— holding any one
of OE low, CE high or WE high inhibits program cycles. (d)
Noise filter— pulses of less than 15 ns (typical) on the WE
or CE inputs will not initiate a program cycle.
INPUT LEVELS: While operating with a 3.3V
± 0.3V
power supply, the address inputs and control inputs (OE,
CE and WE) may be driven from 0 to 5.5V without ad-
versely affecting the operation of the device. The I/O lines
can be driven from 0 to VCC + 0.6V .
PRODUCT IDENTIFICATION:
The product identifica-
tion mode identifies the device and manufacturer as At-
mel. It may be accessed by hardware or software opera-
tion. The hardware operation mode can be used by an ex-
ternal programmer to identify the correct programming al-
gorithm for the Atmel product. In addition, users may wish
to use the software product identification mode to identify
the part (i.e. using the device code), and have the system
software use the appropriate sector size for program op-
erations. In this manner, the user can have a common
board design for 256K to 4-megabit densities and, with
each density’s sector size in a memory map, have the sys-
tem software apply the appropriate sector size.
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING:
The AT29LV010A features DATA
polling to indicate the end of a program cycle. During a
program cycle an attempted read of the last byte loaded
will result in the complement of the loaded data on I/O7.
Device Operation (Continued)
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground .............-0.6V to VCC + 0.6V
Voltage on A9
(including NC Pins)
with Respect to Ground ................... -0.6V to +13.5V
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
Once the program cycle has been completed, true data is
valid on all outputs and the next cycle may begin. DATA
polling may begin at any time during the program cycle.
TOGGLE BIT:
In addition to DATA p o l l i n g t h e
AT29LV010A provides another method for determining
the end of a program or erase cycle. During a program or
erase operation, successive attempts to read data from
the device will result in I/O6 toggling between one and
zero. Once the program cycle has completed, I/O6 will
stop toggling and valid data will be read. Examining the
toggle bit may begin at any time during a program cycle.
OPTIONAL CHIP ERASE MODE:
The entire device
can be erased by using a 6-byte software code. Please
see Software Chip Erase application note for details.
BOOT BLOCK PROGRAMMING LOCKOUT:
The
AT29LV010A has two designated memory blocks that
have a programming lockout feature. This feature pre-
vents programming of data in the designated block once
the feature has been enabled. Each of these blocks con-
sists of 8K bytes; the programming lockout feature can be
set independently for either block. While the lockout fea-
ture does not have to be activated, it can be activated for
either or both blocks.
These two 8K memory sections are referred to as
boot
blocks. Secure code which will bring up a system can be
contained in a boot block. The AT29LV010A blocks are
located in the first 8K bytes of memory and the last 8K
bytes of memory. The boot block programming lockout
feature can therefore support systems that boot from the
lower addresses of memory or the higher addresses.
Once the programming lockout feature has been acti-
vated, the data in that block can no longer be erased or
programmed; data in other memory locations can still be
changed through the regular programming methods. To
activate the lockout feature, a series of seven program
commands to specific addresses with specific data must
be performed. Please see Boot Block Lockout Feature En-
able Algorithm.
If the boot block lockout feature has been activated on
either block, the chip erase function will be disabled.
AT29LV010A
4-55


Similar Part No. - AT29LV010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-12JC ATMEL-AT29LV010A-12JC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12JI ATMEL-AT29LV010A-12JI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TC ATMEL-AT29LV010A-12TC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TI ATMEL-AT29LV010A-12TI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com