Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50CX-41 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 50CX-41
Description  30 AWG, 50 Ohm Coax
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

50CX-41 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  50CX-41 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
PART No.
REV
PAGE
1 of 1
Rev
DCR
Description
App’d
Date
Address: 26 Milford Road, South Grafton, MA 01560 Phone: (508)-839-5987 Fax: (508)-839-4128
This document is the
property of TEMP-FLEX.
It may not be disclosed,
reproduced, or otherwise
used without permission.
Conductor
Insulation
Braid Shield
Jacket
0.071" Nominal
(1.8mm)
NOTES
Conductor: 30 AWG, 7/38, Silver Plated Copper
Insulation: FEP, 0.033" (0.84mm) Diameter
Braid Shield: 40 AWG, Silver Plated Copper, >95% Coverage
Jacket: FEP
Color: Black
Imepdance: 50+/-2 Ohms
Capacitance: 30 pF/ft Nominal
Velocity of Propagation: 70%
30 AWG, 50 Ohm Coax
50CX-41
X1
X1
Preliminary Release


Similar Part No. - 50CX-41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
   26 AWG, 50 Ohm Coax
More results

Similar Description - 50CX-41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
   26 AWG, 50 Ohm Coax
83242 ETC2-83242 Datasheet
104Kb / 4P
   Coax - 50 Ohm Coax
8262 ETC2-8262 Datasheet
103Kb / 4P
   Coax - 50 Ohm Coax
1674ATIN100 ETC2-1674ATIN100 Datasheet
105Kb / 4P
   Coax - 50 Ohm Microwave Cable
logo
Belden Inc.
9913 BELDEN-9913 Datasheet
237Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8
8216 BELDEN-8216 Datasheet
229Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-174
7810A BELDEN-7810A Datasheet
233Kb / 2P
   50 Ohm Wireless Transmission Coax, RF 400, RG8
logo
List of Unclassifed Man...
8241F ETC2-8241F Datasheet
102Kb / 3P
   75 Ohm Coax
logo
Pasternack Enterprises,...
PE3C3394 PASTERNACK-PE3C3394 Datasheet
366Kb / 4P
   50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
logo
Belden Inc.
8219 BELDEN-8219 Datasheet
229Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com