Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV047A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV047A
Description  DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV047A Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS90LV047A Datasheet HTML 9Page - Texas Instruments DS90LV047A Datasheet HTML 10Page - Texas Instruments DS90LV047A Datasheet HTML 11Page - Texas Instruments DS90LV047A Datasheet HTML 12Page - Texas Instruments DS90LV047A Datasheet HTML 13Page - Texas Instruments DS90LV047A Datasheet HTML 14Page - Texas Instruments DS90LV047A Datasheet HTML 15Page - Texas Instruments DS90LV047A Datasheet HTML 16Page - Texas Instruments DS90LV047A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DS90LV047A
www.ti.com
SNLS044C – MAY 2000 – REVISED APRIL 2013
Data Rate vs Cable Length Graph Test Procedure
A pseudo-random bit sequence (PRBS) of 29
−1 bits was programmed into a function generator (Tektronix
HFS9009) and connected to the driver inputs via 50
Ω cables and SMB connectors. An oscilloscope (Tektronix
11801B) was used to probe the resulting eye pattern, measured differentially at the input to the receiver. A 100
resistor was used to terminate the pair at the far end of the cable. The measurements were taken at the far end
of the cable, at the receiver"s input, and used for the jitter analysis for this graph (Figure 25). The frequency of
the input signal was increased until the measured jitter (ttcs) equaled 20% with respect to the unit interval (ttui) for
the particular cable length under test. Twenty percent jitter is a reasonable place to start with many system
designs. The data used was NRZ. Jitter was measured at the 0V differential voltage of the differential eye
pattern. The cables used were LG UTP 4 pair 24 gauge CAT 5 cables. The DS90LV047A and DS90LV048A
were tested using the new LVDS Flow-Evaluation Board LVDS47/48PCB which is available in the
LVDS47/48EVK evaluation kit.
The curve shows very good typical performance that can be used as a design guideline for data rate vs cable
length. Increasing the jitter percentage increases the curve respectively, allowing the device to transmit faster
over longer cable lengths. This relaxes the jitter tolerance of the system allowing more jitter into the system,
which could reduce the reliability and efficiency of the system. Alternatively, decreasing the jitter percentage will
have the opposite effect on the system. The area under the curve is considered the safe operating area based
on the above signal quality criteria. For more information on eye pattern testing, please see TI Application Note
AN-808.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DS90LV047A


Similar Part No. - DS90LV047A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
322Kb / 13P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A Datasheet
1Mb / 25P
3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047ATM NSC-DS90LV047ATM Datasheet
268Kb / 12P
3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATM NSC-DS90LV047ATM Datasheet
322Kb / 13P
3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV047A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com