Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV047A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV047A
Description  DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV047A Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV047A Datasheet HTML 1Page - Texas Instruments DS90LV047A Datasheet HTML 2Page - Texas Instruments DS90LV047A Datasheet HTML 3Page - Texas Instruments DS90LV047A Datasheet HTML 4Page - Texas Instruments DS90LV047A Datasheet HTML 5Page - Texas Instruments DS90LV047A Datasheet HTML 6Page - Texas Instruments DS90LV047A Datasheet HTML 7Page - Texas Instruments DS90LV047A Datasheet HTML 8Page - Texas Instruments DS90LV047A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DS90LV047A
www.ti.com
SNLS044C – MAY 2000 – REVISED APRIL 2013
DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
Check for Samples: DS90LV047A
1
FEATURES
DESCRIPTION
The DS90LV047A is a quad CMOS flow-through
2
>400 Mbps (200 MHz) Switching Rates
differential
line
driver
designed
for
applications
Flow-Through Pinout Simplifies PCB Layout
requiring ultra low power dissipation and high data
300 ps Typical Differential Skew
rates. The device is designed to support data rates in
excess of 400 Mbps (200 MHz) utilizing Low Voltage
400 ps Maximum Differential Skew
Differential Signaling (LVDS) technology.
1.7 ns Maximum Propagation Delay
The DS90LV047A accepts low voltage TTL/CMOS
3.3V Power Supply Design
input levels and translates them to low voltage (350
±350 mV Differential Signaling
mV) differential output signals. In addition, the driver
Low Power Dissipation (13mW at 3.3V Static)
supports a TRI-STATE function that may be used to
disable the output stage, disabling the load current,
Interoperable with Existing 5V LVDS Receivers
and thus dropping the device to an ultra low idle
High impedance on LVDS Outputs on Power
power state of 13 mW typical. The DS90LV047A has
Down
a flow-through pinout for easy PCB layout.
Conforms to TIA/EIA-644 LVDS Standard
The EN and EN* inputs are ANDed together and
Industrial Operating Temperature Range
control the TRI-STATE outputs. The enables are
(
−40°C to +85°C)
common to all four drivers. The DS90LV047A and
companion line receiver (DS90LV048A) provide a
Available in Surface Mount (SOIC) and Low
new alternative to high power psuedo-ECL devices
Profile TSSOP Package
for high speed point-to-point interface applications.
Connection Diagram
Figure 1. Order Number DS90LV047ATM, DS90LV047ATMTC
D0016A, PW0016A Packages
Truth Table
ENABLES
INPUT
OUTPUTS
EN
EN*
DIN
DOUT+
DOUT−
H
L or Open
L
L
H
H
H
L
All other combinations of ENABLE inputs
X
Z
Z
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV047A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047ATM NSC-DS90LV047ATM Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATM NSC-DS90LV047ATM Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV047A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com