Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV047A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV047A
Description  DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV047A Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90LV047A Datasheet HTML 4Page - Texas Instruments DS90LV047A Datasheet HTML 5Page - Texas Instruments DS90LV047A Datasheet HTML 6Page - Texas Instruments DS90LV047A Datasheet HTML 7Page - Texas Instruments DS90LV047A Datasheet HTML 8Page - Texas Instruments DS90LV047A Datasheet HTML 9Page - Texas Instruments DS90LV047A Datasheet HTML 10Page - Texas Instruments DS90LV047A Datasheet HTML 11Page - Texas Instruments DS90LV047A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
DS90LV047A
SNLS044C – MAY 2000 – REVISED APRIL 2013
www.ti.com
Balanced cables (e.g. twisted pair) are usually better than unbalanced cables (ribbon cable, simple coax.) for
noise reduction and signal quality. Balanced cables tend to generate less EMI due to field canceling effects and
also tend to pick up electromagnetic radiation a common-mode (not differential mode) noise which is rejected by
the receiver.
For cable distances < 0.5M, most cables can be made to work effectively. For distances 0.5M
≤ d ≤ 10M, CAT 3
(category 3) twisted pair cable works well, is readily available and relatively inexpensive.
LVDS FAIL-SAFE
This section addresses the common concern of fail-safe biasing of LVDS interconnects, specifically looking at the
DS90LV047A driver outputs and the DS90LV048A receiver inputs.
The LVDS receiver is a high gain, high speed device that amplifies a small differential signal (20mV) to CMOS
logic levels. Due to the high gain and tight threshold of the receiver, care should be taken to prevent noise from
appearing as a valid signal.
The receiver's internal fail-safe circuitry is designed to source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for floating, terminated or shorted receiver inputs.
1. Open Input Pins. The DS90LV048A is a quad receiver device, and if an application requires only 1, 2 or 3
receivers, the unused channel(s) inputs should be left OPEN. Do not tie unused receiver inputs to ground or
any other voltages. The input is biased by internal high value pull up and pull down resistors to set the output
to a HIGH state. This internal circuitry will ensure a HIGH, stable output state for open inputs.
2. Terminated Input. If the DS90LV047A driver is disconnected (cable unplugged), or if the DS90LV047A
driver is in a TRI-STATE or power-off condition, the receiver output will again be in a HIGH state, even with
the end of cable 100
Ω termination resistor across the input pins. The unplugged cable can become a floating
antenna which can pick up noise. If the cable picks up more than 10mV of differential noise, the receiver may
see the noise as a valid signal and switch. To insure that any noise is seen as common-mode and not
differential, a balanced interconnect should be used. Twisted pair cable will offer better balance than flat
ribbon cable.
3. Shorted Inputs. If a fault condition occurs that shorts the receiver inputs together, thus resulting in a 0V
differential input voltage, the receiver output will remain in a HIGH state. Shorted input fail-safe is not
supported across the common-mode range of the device (GND to 2.4V). It is only supported with inputs
shorted and no external common-mode voltage applied.
External lower value pull up and pull down resistors (for a stronger bias) may be used to boost fail-safe in the
presence of higher noise levels. The pull up and pull down resistors should be in the 5k
Ω to 15kΩ range to
minimize loading and waveform distortion to the driver. The common-mode bias point should be set to
approximately 1.2V (less than 1.75V) to be compatible with the internal circuitry.
Figure 8. Driver Output Levels
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV047A


Similar Part No. - DS90LV047A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047ATM NSC-DS90LV047ATM Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATM NSC-DS90LV047ATM Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV047A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com