Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS3472 Datasheet(PDF) 5 Page - ams AG

Part # TCS3472
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3472 Datasheet(HTML) 5 Page - ams AG

  TCS3472 Datasheet HTML 1Page - ams AG TCS3472 Datasheet HTML 2Page - ams AG TCS3472 Datasheet HTML 3Page - ams AG TCS3472 Datasheet HTML 4Page - ams AG TCS3472 Datasheet HTML 5Page - ams AG TCS3472 Datasheet HTML 6Page - ams AG TCS3472 Datasheet HTML 7Page - ams AG TCS3472 Datasheet HTML 8Page - ams AG TCS3472 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
4
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Operating Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Active
235
330
IDD
Supply current
Wait state
65
μA
IDD
Supply current
Sleep state — no I2C activity
2.5
10
μA
V
INT SDA output low voltage
3 mA sink current
0
0.4
V
VOL
INT, SDA output low voltage
6 mA sink current
0
0.6
V
I LEAK
Leakage current, SDA, SCL, INT pins
−5
5
μA
I LEAK
Leakage current, LDR pin
−5
5
μA
V
SCL SDA input high voltage
TCS34721 & TCS34725
0.7 VDD
V
VIH
SCL, SDA input high voltage
TCS34723 & TCS34727
1.25
V
V
SCL SDA input low voltage
TCS34721 & TCS34725
0.3 VDD
V
VIL
SCL, SDA input low voltage
TCS34723 & TCS34727
0.54
V
Optical Characteristics, VDD = 3 V, TA = 255C, AGAIN = 16y, ATIME = 0xF6 (unless otherwise noted)
(Note 1)
PARAMETER
TEST
Red Channel
Green Channel
Blue Channel
Clear Channel
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
λD = 465 nm
Note 2
0%
15%
10%
42%
65%
88%
11.0
13.8
16.6
Re
Irradiance
responsivity
λD = 525 nm
Note 3
4%
25%
60%
85%
10%
45%
13.2
16.6
20.0
counts/
μW/
cm2
responsivity
λD = 615 nm
Note 4
80%
110%
0%
14%
5%
24%
15.6
19.5
23.4
cm2
NOTES: 1. The percentage shown represents the ratio of the respective red, green, or blue channel value to the clear channel value.
2. The 465 nm input irradiance is supplied by an
InGaN light-emitting diode with the following characteristics:
dominant wavelength
λD = 465 nm, spectral halfwidth Δλ½ = 22 nm.
3. The 525 nm input irradiance is supplied by an
InGaN light-emitting diode with the following characteristics:
dominant wavelength
λD = 525 nm, spectral halfwidth Δλ½ = 35 nm.
4. The 615 nm input irradiance is supplied by a Al
InGaP light-emitting diode with the following characteristics:
dominant wavelength
λD = 615 nm, spectral halfwidth Δλ½ = 15 nm.
RGBC Characteristics, VDD = 3 V, TA = 25
5C, AGAIN = 16
y, AEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dark ADC count value
Ee = 0, AGAIN = 60
×, ATIME = 0xD6 (100 ms)
0
1
5
counts
ADC integration time step size
ATIME = 0xFF
2.27
2.4
2.56
ms
ADC number of integration steps
(Note 5)
1
256
steps
ADC counts per step (Note 5)
0
1024
counts
ADC count value (Note 5)
ATIME = 0xC0 (153.6 ms)
0
65535
counts
Gi
li
lti
t 1
× i
4
×
3.8
4
4.2
Gain scaling, relative to 1
× gain
16
×
15
16
16 8
y
Gain scaling, relative to 1
× gain
setting
16
×
15
16
16.8
y
setting
60
×
58
60
63
y
NOTE 5: Parameter ensured by design and is not tested.


Similar Part No. - TCS3472

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS3472 OSRAM-TCS3472 Datasheet
1Mb / 41P
   Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
logo
ams AG
TCS34721 AMSCO-TCS34721 Datasheet
1Mb / 40P
   Red, Green, Blue (RGB), and Clear Light
TCS34723 AMSCO-TCS34723 Datasheet
1Mb / 40P
   Red, Green, Blue (RGB), and Clear Light
TCS34725 AMSCO-TCS34725 Datasheet
1Mb / 40P
   Red, Green, Blue (RGB), and Clear Light
logo
OSRAM GmbH
TCS34725 OSRAM-TCS34725 Datasheet
1Mb / 41P
   Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
More results

Similar Description - TCS3472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
   Color Light-To-Digital Converter
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
   Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
   Color Light-to-Digital Converter
2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com