Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS3472 Datasheet(PDF) 16 Page - ams AG

Part # TCS3472
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3472 Datasheet(HTML) 16 Page - ams AG

Back Button TCS3472 Datasheet HTML 12Page - ams AG TCS3472 Datasheet HTML 13Page - ams AG TCS3472 Datasheet HTML 14Page - ams AG TCS3472 Datasheet HTML 15Page - ams AG TCS3472 Datasheet HTML 16Page - ams AG TCS3472 Datasheet HTML 17Page - ams AG TCS3472 Datasheet HTML 18Page - ams AG TCS3472 Datasheet HTML 19Page - ams AG TCS3472 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
15
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Enable Register (0x00)
The Enable register is used primarily to power the TCS3472 device on and off, and enable functions and
interrupts as shown in Table 5.
Table 5. Enable Register
6
75
4
PON
2
31
0
ENABLE
Reserved
AIEN
Address
0x00
AEN
WEN
Reserved
FIELD
BITS
DESCRIPTION
Reserved
7:5
Reserved. Write as 0.
AIEN
4
RGBC interrupt enable. When asserted, permits RGBC interrupts to be generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer. Writing a 0 disables the
wait timer.
Reserved
2
Reserved. Write as 0.
AEN
1
RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates the RGBC. Writing a 0 disables
the RGBC.
PON 1, 2
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC channels to operate.
Writing a 1 activates the oscillator. Writing a 0 disables the oscillator.
NOTES: 1. See Power Management section for more information.
2. A minimum interval of 2.4 ms must pass after PON is asserted before an RGBC can be initiated.


Similar Part No. - TCS3472

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS3472 OSRAM-TCS3472 Datasheet
1Mb / 41P
Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
logo
ams AG
TCS34721 AMSCO-TCS34721 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
TCS34723 AMSCO-TCS34723 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
TCS34725 AMSCO-TCS34725 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
logo
OSRAM GmbH
TCS34725 OSRAM-TCS34725 Datasheet
1Mb / 41P
Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
More results

Similar Description - TCS3472

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
COLOR LIGHT-TO-DIGITAL CONVERTER
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
Color Light-To-Digital Converter
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
Color Light-to-Digital Converter
2018-Mar-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com