Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS3472 Datasheet(PDF) 12 Page - ams AG

Part # TCS3472
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3472 Datasheet(HTML) 12 Page - ams AG

Back Button TCS3472 Datasheet HTML 8Page - ams AG TCS3472 Datasheet HTML 9Page - ams AG TCS3472 Datasheet HTML 10Page - ams AG TCS3472 Datasheet HTML 11Page - ams AG TCS3472 Datasheet HTML 12Page - ams AG TCS3472 Datasheet HTML 13Page - ams AG TCS3472 Datasheet HTML 14Page - ams AG TCS3472 Datasheet HTML 15Page - ams AG TCS3472 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
11
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Power Management
Power consumption can be managed with the Wait state, because the Wait state typically consumes only 65
μA
of IDD current. An example of the power management feature is given below. With the assumptions provided
in the example, average IDD is estimated to be 152 μA.
Table 1. Power Management
SYSTEM STATE MACHINE
STATE
PROGRAMMABLE
PARAMETER
PROGRAMMED VALUE
DURATION
TYPICAL
CURRENT
Wait
WTIME
0xEE
43 2 ms
0 065 mA
Wait
WLONG
0
43.2 ms
0.065 mA
RGBC Init
2.40 ms
0.235 mA
RGBC ADC
ATIME
0xEE
43.2 ms
0.235 mA
Average IDD Current = ((43.2
× 0.065) + (43.2 × 0.235) + (2.40 × 0.235)) / 89  152 μA
Keeping with the same programmed values as the example, Table 2 shows how the average IDD current is
affected by the Wait state time, which is determined by WEN, WTIME, and WLONG. Note that the worst-case
current occurs when the Wait state is not enabled.
Table 2. Average IDD Current
WEN
WTIME
WLONG
WAIT STATE
AVERAGE IDD CURRENT
0
n/a
n/a
0 ms
291
μA
1
0xFF
0
2.40 ms
280
μA
1
0xEE
0
43.2 ms
152
μA
1
0x00
0
614 ms
82
μA
1
0x00
1
7.37 s
67
μA


Similar Part No. - TCS3472

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS3472 OSRAM-TCS3472 Datasheet
1Mb / 41P
Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
logo
ams AG
TCS34721 AMSCO-TCS34721 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
TCS34723 AMSCO-TCS34723 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
TCS34725 AMSCO-TCS34725 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
logo
OSRAM GmbH
TCS34725 OSRAM-TCS34725 Datasheet
1Mb / 41P
Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
More results

Similar Description - TCS3472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
Color Light-To-Digital Converter
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
COLOR LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
Color Light-to-Digital Converter
2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com