Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS3472 Datasheet(PDF) 11 Page - ams AG

Part # TCS3472
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3472 Datasheet(HTML) 11 Page - ams AG

Back Button TCS3472 Datasheet HTML 7Page - ams AG TCS3472 Datasheet HTML 8Page - ams AG TCS3472 Datasheet HTML 9Page - ams AG TCS3472 Datasheet HTML 10Page - ams AG TCS3472 Datasheet HTML 11Page - ams AG TCS3472 Datasheet HTML 12Page - ams AG TCS3472 Datasheet HTML 13Page - ams AG TCS3472 Datasheet HTML 14Page - ams AG TCS3472 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
10
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
System Timing
The system state machine shown in Figure 5 provides an overview of the states and state transitions that
provide system control of the device. This section highlights the programmable features, which affect the state
machine cycle time, and provides details to determine system level timing.
When the power management feature is enabled (WEN), the state machine will transition to the Wait state. The
wait time is determined by WLONG, which extends normal operation by 12
× when asserted, and WTIME. The
formula to determine the wait time is given in the box associated with the Wait state in Figure 9.
When the RGBC feature is enabled (AEN), the state machine will transition through the RGBC Init and RGBC
ADC states. The RGBC Init state takes 2.4 ms, while the RGBC ADC time is dependent on the integration time
(ATIME). The formula to determine RGBC ADC time is given in the associated box in Figure 9. If an interrupt
is generated as a result of the RGBC cycle, it will be asserted at the end of the RGBC ADC.
Sleep
Idle
Wait
RGBC
ADC
RGBC
Init
RGBC
WTIME: 1 ~ 256 steps
WLONG = 0
WLONG = 1
Time:
2.4 ms/step
28.8 ms/step
Range:
2.4 ms ~ 614 ms
28.8 ms ~ 7.37s
Time: 2.4 ms
ATIME: 1 ~ 256 steps
Time: 2.4 ms/step
Range: 2.4 ms ~ 614 ms
!PON
Notes: 1. There is a 2.4 ms warm-up delay if PON is enabled. If PON is not enabled, the device will return to the Sleep state as shown.
2. PON, WEN, and AEN are fields in the Enable register (0x00).
!WEN
& AEN
I2C Start
(Note 1)
WEN
& AEN
Figure 9. Detailed State Diagram


Similar Part No. - TCS3472

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS3472 OSRAM-TCS3472 Datasheet
1Mb / 41P
Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
logo
ams AG
TCS34721 AMSCO-TCS34721 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
TCS34723 AMSCO-TCS34723 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
TCS34725 AMSCO-TCS34725 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
logo
OSRAM GmbH
TCS34725 OSRAM-TCS34725 Datasheet
1Mb / 41P
Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
More results

Similar Description - TCS3472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
Color Light-To-Digital Converter
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
COLOR LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
Color Light-to-Digital Converter
2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com