![]() |
Electronic Components Datasheet Search |
|
TCS3472 Datasheet(PDF) 10 Page - ams AG |
|
|
TCS3472 Datasheet(HTML) 10 Page - ams AG |
10 / 27 page ![]() TCS3472 COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER TAOS135 − AUGUST 2012 9 The LUMENOLOGY r Company r r Copyright E 2012, TAOS Inc. www.taosinc.com Interrupts The interrupt feature simplifies and improves system efficiency by eliminating the need to poll the sensor for light intensity values outside of a user-defined range. While the interrupt function is always enabled and its status is available in the status register (0x13), the output of the interrupt state can be enabled using the RGBC interrupt enable (AIEN) field in the enable register (0x00). Two 16-bit interrupt threshold registers allow the user to set limits below and above a desired light level. An interrupt can be generated when the Clear data (CDATA) is less than the Clear interrupt low threshold (AILTx) or is greater than the Clear interrupt high threshold (AIHTx). It is important to note that the thresholds are evaluated in sequence, first the low threshold, then the high threshold. As a result, if the low threshold is set above the high threshold, the high threshold is ignored and only the low threshold is evaluated. To further control when an interrupt occurs, the device provides a persistence filter. The persistence filter allows the user to specify the number of consecutive out-of-range Clear occurrences before an interrupt is generated. The persistence filter register (0x0C) allows the user to set the Clear persistence filter (APERS) value. See the persistence filter register for details on the persistence filter value. Once the persistence filter generates an interrupt, it will continue until a special function interrupt clear command is received (see command register). Clear ADC Clear Data Clear Upper Limit Lower Limit AIHTH(r0x 07), AIHTL(r0x 06) Clear Persistence AILTH(r 0x05), AILTL(r0x 04) APERS(r 0x0C, b3:0) Figure 8. Programmable Interrupt |
Similar Part No. - TCS3472 |
|
Similar Description - TCS3472 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |