Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0387SL Datasheet(PDF) 16 Page - Texas Instruments

Part # LMH0387SL
Description  LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0387SL Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH0387SL Datasheet HTML 12Page - Texas Instruments LMH0387SL Datasheet HTML 13Page - Texas Instruments LMH0387SL Datasheet HTML 14Page - Texas Instruments LMH0387SL Datasheet HTML 15Page - Texas Instruments LMH0387SL Datasheet HTML 16Page - Texas Instruments LMH0387SL Datasheet HTML 17Page - Texas Instruments LMH0387SL Datasheet HTML 18Page - Texas Instruments LMH0387SL Datasheet HTML 19Page - Texas Instruments LMH0387SL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
LMH0387
SNLS315G – APRIL 2010 – REVISED APRIL 2013
www.ti.com
SPI Registers
Table 1. SPI Registers
Address
R/W
Name
Bits
Field
Default
Description
00h
R/W
General Control
7
Carrier Detect
Read only.
0: No carrier detected on
BNC_IO pin.
1: Carrier detected on BNC_IO
pin.
6
Mute
0
0: Normal operation.
1: Equalizer outputs muted.
5
Reserved
0
Reserved as 0. Always write 0
to this bit.
4:3
Sleep Mode
01
Equalizer sleep mode control.
Sleep has precedence over
Mute.
00: Never sleep. Disable sleep
mode (force equalizer to stay
enabled).
01: Auto sleep. Sleep mode
active when no input signal
detected.
10: Force sleep. Force
equalizer into sleep mode
(powered down) regardless of
whether there is an input signal
or not.
11: Reserved.
2
Extended 3G Reach Mode
0
Extended 3G reach mode to
extend the equalizable cable
length for 2.97 Gbps
applications.
0: Normal operation.
1: Extended 3G reach mode.
1:0
Reserved
00
Reserved as 00. Always write
00 to these bits.
01h
R/W
Output Driver
7:5
Output Swing
011
Equalizer output driver swing
(VSSP-P).
000: VSSP-P = 400 mVP-P.
001: VSSP-P = 500 mVP-P.
010: VSSP-P = 600 mVP-P.
011: VSSP-P = 700 mVP-P.
100: VSSP-P = 800 mVP-P.
101, 110, 111: Reserved.
4:2
Offset Voltage
001
Equalizer output driver offset
voltage (common mode
voltage).
000: VOS = 1.05V.
001: VOS = 1.25V.
010: VOS = 1.45V.
011: VOS = 1.65V.
100: VOS = 1.85V.
101: VOS referenced to positive
supply.
110, 111: Reserved.
1:0
Reserved
00
Reserved as 00. Always write
00 to these bits.
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMH0387


Similar Part No. - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387SL TI1-LMH0387SL Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL/NOPB TI1-LMH0387SL/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI1-LMH0387SLE Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE/NOPB TI1-LMH0387SLE/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLX TI1-LMH0387SLX Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results

Similar Description - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com