Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0387SL Datasheet(PDF) 15 Page - Texas Instruments

Part # LMH0387SL
Description  LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0387SL Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMH0387SL Datasheet HTML 11Page - Texas Instruments LMH0387SL Datasheet HTML 12Page - Texas Instruments LMH0387SL Datasheet HTML 13Page - Texas Instruments LMH0387SL Datasheet HTML 14Page - Texas Instruments LMH0387SL Datasheet HTML 15Page - Texas Instruments LMH0387SL Datasheet HTML 16Page - Texas Instruments LMH0387SL Datasheet HTML 17Page - Texas Instruments LMH0387SL Datasheet HTML 18Page - Texas Instruments LMH0387SL Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
2500
1500
2000
1000
500
-5
-10
-15
-20
-25
-30
-35
0
-40
FREQUENCY (MHz)
5
3000
SMPTE Limit
LMH0387
www.ti.com
SNLS315G – APRIL 2010 – REVISED APRIL 2013
The SMPTE 424M, 292M, and 259M standards have stringent requirements for the input and output return loss
of receivers and transmitters, which essentially specify how closely they must resemble a 75
Ω network. Any non-
idealities in the network between the BNC and the LMH0387 will degrade the return loss. Care must be taken to
minimize impedance discontinuities both for the BNC footprint and for the trace between the BNC and the
LMH0387 to ensure that the characteristic impedance is 75
Ω. Best return loss performance is achieved with the
LMH0387 placed closely to the BNC to minimize the trace length between the BNC and the LMH0387's BNC_IO
pin. Please consider the following PCB recommendations:
Place the LMH0387 in close proximity to the BNC.
Use surface mount components, and use the smallest components available. In addition, use the smallest
size component pads.
Select trace widths that minimize the impedance mismatch between the BNC and the LMH0387.
Select a board stack up that supports both 75
Ω single-ended traces and 100Ω loosely-coupled differential
traces.
Maintain symmetry on the complimentary signals.
Route 100
Ω traces uniformly (keep trace widths and trace spacing uniform along the trace).
Avoid sharp bends in the signal path; use 45° or radial bends.
Place bypass capacitors close to each power pin, and use the shortest path to connect device power and
ground pins to the respective power or ground planes.
Remove ground plane under input/output components to minimize parasitic capacitance.
Typical Performance Characteristics
Figure 6. Equalizer Output at 2.97 Gbps with 120m Belden
Figure 7. Cable Driver Output at 2.97 Gbps
1694A, H: 100 ps / div, V: 50 mV / div
H: 62.5 ps / div, V: 100 mV / div
(SDO output shown)
(BNC_IO output shown)
Figure 8. Output Return Loss
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMH0387


Similar Part No. - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387SL TI1-LMH0387SL Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL/NOPB TI1-LMH0387SL/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI1-LMH0387SLE Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE/NOPB TI1-LMH0387SLE/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLX TI1-LMH0387SLX Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results

Similar Description - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com