Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0387SL Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH0387SL
Description  LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0387SL Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH0387SL Datasheet HTML 9Page - Texas Instruments LMH0387SL Datasheet HTML 10Page - Texas Instruments LMH0387SL Datasheet HTML 11Page - Texas Instruments LMH0387SL Datasheet HTML 12Page - Texas Instruments LMH0387SL Datasheet HTML 13Page - Texas Instruments LMH0387SL Datasheet HTML 14Page - Texas Instruments LMH0387SL Datasheet HTML 15Page - Texas Instruments LMH0387SL Datasheet HTML 16Page - Texas Instruments LMH0387SL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LMH0387
www.ti.com
SNLS315G – APRIL 2010 – REVISED APRIL 2013
OUTPUT DRIVER ADJUSTMENTS (REGISTER 01h)
The equalizer output driver swing (amplitude) and offset voltage (common mode voltage) are adjustable via SPI
register 01h.
Output Swing
The output swing is adjustable via bits [7:5] of SPI register 01h. The default value for these register bits is “011”
for a peak to peak differential output voltage of 700 mVP-P. The output swing can be adjusted in 100 mV
increments from 400 mVP-P to 800 mVP-P.
Offset Voltage
The offset voltage is adjustable via bits [4:2] of SPI register 01h. The default value for these register bits is “001”
for an output offset of 1.25V. The output common mode voltage may be adjusted in 200 mV increments, from
1.05V to 1.85V. It can also be set to “101” for the maximum offset voltage. At this maximum offset voltage
setting, the outputs are referenced to the positive supply and the offset voltage is around 2.1V.
LAUNCH AMPLITUDE OPTIMIZATION (REGISTER 02h)
The LMH0387 can compensate for attenuation of the input signal prior to the equalizer. This compensation is
useful for applications with a passive splitter at the equalizer input or a non-ideal input termination network, and
is controlled by SPI register 02h.
For correct equalizer operation with the default SMPTE 800 mVP-P launch amplitude and no external
attenuation, the equalizer launch amplitude fine tuning must be set to the “nominal” setting via the SPI.
To do this, write 30h (“00110000” binary) to SPI register 02h.
Coarse Control
Bit 7 of SPI register 02h is used for coarse control of the launch amplitude setting. At the default setting of “0”,
the equalizer operates normally and expects a launch amplitude of 800 mVP-P. Bit 7 may be set to “1” to optimize
the equalizer for input signals with 6 dB of attenuation (400 mVP-P).
Fine Control
Once the coarse control is set, the equalizer input compensation may be further fine tuned by bits [6:3] of SPI
register 02h. These bits may be used to tweak the input gain stage -2% to +60% around the coarse control
setting. For typical equalizer operation, bits [6:3] of SPI register 02h should be changed from the default setting
of “0000” to the nominal setting of “0110”.
CABLE LENGTH INDICATOR (CLI) (REGISTER 03h)
The Cable Length Indicator (CLI) provides an indication of the length of cable attached to the equalizer input. CLI
is accessible via bits [7:3] of SPI register 03h. The 5-bit CLI ranges in decimal value from 0 to 25 (“00000” to
“11001” binary) and increases as the cable length is increased. Figure 5 shows typical CLI values vs. Belden
1694A cable length. CLI is valid for Belden 1694A cable lengths of 0-120m at 2.97 Gbps, 0-200m at 1.485 Gbps,
and 0-400m at 270 Mbps.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH0387


Similar Part No. - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387SL TI1-LMH0387SL Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL/NOPB TI1-LMH0387SL/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI1-LMH0387SLE Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE/NOPB TI1-LMH0387SLE/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLX TI1-LMH0387SLX Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results

Similar Description - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com