Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0387SL Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH0387SL
Description  LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0387SL Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH0387SL Datasheet HTML 8Page - Texas Instruments LMH0387SL Datasheet HTML 9Page - Texas Instruments LMH0387SL Datasheet HTML 10Page - Texas Instruments LMH0387SL Datasheet HTML 11Page - Texas Instruments LMH0387SL Datasheet HTML 12Page - Texas Instruments LMH0387SL Datasheet HTML 13Page - Texas Instruments LMH0387SL Datasheet HTML 14Page - Texas Instruments LMH0387SL Datasheet HTML 15Page - Texas Instruments LMH0387SL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LMH0387
SNLS315G – APRIL 2010 – REVISED APRIL 2013
www.ti.com
In auto sleep mode, the time to power down the equalizer when the input signal is removed is less than 200 µs
and should not have any impact on the system timing requirements. The equalizer will wake up automatically
once an input signal is detected, and the delay between signal detection and full functionality of the equalizer is
negligible. The overall system will be limited only by the settling time constant of the equalizer adaptation loop.
INPUT MODE (EQUALIZER) SPI REGISTER ACCESS
SPI register access is required for correct input mode (equalizer) operation. The SPI registers provide access to
all of the equalizer features along with a cable length indicator, programmable output common mode voltage and
swing, and launch amplitude optimization. There are four supported 8-bit registers in the device (see Table 1).
Note: The SPI_EN pin must always be pulled high while using the LMH0387 in the input mode (equalizer), and
may optionally be pulled high while using the LMH0387 in the output mode (cable driver) as well.
SPI Write
The SPI write is shown in Figure 2. The MOSI payload consists of a “0” (write command), seven address bits,
and eight data bits. The SS signal is driven low, and the 16 bits are sent to the LMH0387's MOSI input. Data is
latched on the rising edge of SCK. The MISO output is normally tri-stated during this operation. After the SPI
write, SS must return high.
SPI Read
The SPI read is shown in Figure 3. The MOSI payload consists of a “1” (read command) and seven address bits.
The SS signal is driven low, and the eight bits are sent to the LMH0387's MOSI input. The addressed location is
accessed immediately after the rising edge of the 8th clock and the eight data bits are shifted out on MISO
starting with the falling edge of the 8th clock. MOSI must be tri-stated immediately after the rising edge of the 8th
clock. After the SPI read, SS must return high.
GENERAL CONTROL (REGISTER 00h)
SPI Register 00h, General Control, provides access to many basic features of the equalizer, including the carrier
detect status and the mute, sleep mode, and extended 3G reach mode controls.
Carrier Detect
This bit shows the status of the carrier detect for the BNC_IO pin.
Mute
The mute control can be used to manually mute or enable SDO and SDO. Setting this bit to “1” will mute the
equalizer outputs by forcing them to logic zero. Setting the mute bit to “0” will force the equalizer outputs to be
active.
Sleep Mode
The sleep mode is used to automatically or selectively power down the equalizer for power savings when it is not
needed. The auto sleep mode allows the equalizer to power down when no input signal is detected, and is
activated by default or by writing “01” to bits [4:3] of SPI register 00h. If the auto sleep mode is active, the
equalizer goes into a deep power save mode when no input signal is detected on the BNC_IO pin. The device
powers on again once an input signal is detected. The sleep functionality can be turned off completely (equalizer
will never sleep) by writing “00” to bits [4:3] of SPI register 00h. Additionally, the equalizer can be forced to power
down regardless of whether there is an input signal or not by writing “10” to bits [4:3] of SPI register 00h. The
sleep mode has precedence over the mute mode.
Extended 3G Reach Mode
The LMH0387 equalizer provides a mode to extend the 3G cable reach in systems which have margin in the jitter
budget. This allows for additional cable reach at 2.97 Gbps at the expense of slightly higher output jitter. The
extended 3G reach mode provides 10m of additional Belden 1694A cable reach, with an increase of output jitter
at this longer cable length of 0.05 to 0.1 UI. (Note: In Extended 3G Reach Mode, the maximum equalizable cable
lengths for HD and SD data rates will be limited to less than what can be achieved in normal mode).
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMH0387


Similar Part No. - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387SL TI1-LMH0387SL Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL/NOPB TI1-LMH0387SL/NOPB Datasheet
3Mb / 29P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI1-LMH0387SLE Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE/NOPB TI1-LMH0387SLE/NOPB Datasheet
3Mb / 29P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLX TI1-LMH0387SLX Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results

Similar Description - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com