Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0387SL Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH0387SL
Description  LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0387SL Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH0387SL Datasheet HTML 6Page - Texas Instruments LMH0387SL Datasheet HTML 7Page - Texas Instruments LMH0387SL Datasheet HTML 8Page - Texas Instruments LMH0387SL Datasheet HTML 9Page - Texas Instruments LMH0387SL Datasheet HTML 10Page - Texas Instruments LMH0387SL Datasheet HTML 11Page - Texas Instruments LMH0387SL Datasheet HTML 12Page - Texas Instruments LMH0387SL Datasheet HTML 13Page - Texas Instruments LMH0387SL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LMH0387
SNLS315G – APRIL 2010 – REVISED APRIL 2013
www.ti.com
DEVICE DESCRIPTION
The LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver is used at the input
or output port of digital video equipment. It is designed to allow the sharing of a single BNC connector for either
input or output.
CONFIGURING THE INPUT (EQUALIZER) OR OUTPUT (CABLE DRIVER) MODE
The LMH0387 must be configured in either the input mode as an equalizer, or the output mode as a cable driver.
Input Mode (Equalizer)
To configure the LMH0387 in the input mode, the equalizer must be enabled and the cable driver must be
disabled as described in the following steps:
1. Disable the cable driver by pulling the TX_EN pin low.
2. Enable the equalizer by setting the sleep mode via the SPI to either auto sleep or disabled (never sleep). To
do this, write either “01” (auto sleep – default) or “00” (never sleep) to bits [4:3] of SPI register 00h.
3. Set the equalizer launch amplitude fine tuning to the nominal setting via the SPI. To do this, write 30h
(“00110000” binary) to SPI register 02h.
Output Mode (Cable Driver)
To configure the LMH0387 in the output mode, the cable driver must be enabled. The equalizer may either be
disabled for power savings or enabled to provide a loopback path for the data being transmitted. For the normal
output mode (equalizer disabled for power savings) follow these steps:
1. Disable the equalizer by forcing it to sleep via the SPI. To do this, write “10” (force sleep) to bits [4:3] of SPI
register 00h.
2. Enable the cable driver by pulling the TX_EN pin high.
To configure the LMH0387 for the output mode with the loopback path, the equalizer can be enabled in output
mode by writing either “01” (auto sleep – default) or “00” (never sleep) to bits [4:3] of SPI register 00h. In this
case, the LMH0387 input/output mode may be configured simply by toggling the TX_EN pin since the equalizer
remains active in either mode (TX_EN set low for input mode and high for output mode).
INPUT MODE (EQUALIZER) DESCRIPTION
SPI register access is required while operating the LMH0387 in the input mode. The equalizer launch amplitude
fine tuning must be set to nominal via the SPI for correct equalizer operation. To do this, write 30h (“00110000
binary”) to SPI register 02h. The SPI registers provide access to many other useful LMH0387 features while in
the input mode. Refer to the Input Mode (Equalizer) SPI Register Access section for details.
INPUT INTERFACING
The LMH0387 accepts single-ended input at the BNC_IO pin. The input must be AC coupled. The Typical
Application Circuit diagram shows the typical configuration. The TERMRX input must be properly terminated with
a 1.0 µF capacitor followed by a 220
Ω resistor to ground as shown.
The LMH0387 BNC_IO input can be optimized for different launch amplitudes via the SPI (see LAUNCH
AMPLITUDE OPTIMIZATION (REGISTER 02h) in the Input Mode (Equalizer) SPI Register Access section).
The LMH0387 correctly handles equalizer pathological signals for standard definition and high definition serial
digital video, as described in SMPTE RP 178 and RP 198, respectively.
OUTPUT INTERFACING
The LMH0387 equalizer outputs, SDO and SDO, are internally terminated 100
Ω LVDS outputs. These outputs
can be DC coupled to most common differential receivers.
The default output common mode voltage (VOS) is 1.25V. The output common mode voltage may be adjusted via
the SPI in 200 mV increments, from 1.05V to 1.85V (see OUTPUT DRIVER ADJUSTMENTS (REGISTER 01h)
in the Input Mode (Equalizer) SPI Register Access section). This adjustable output common mode voltage offers
flexibility for interfacing to many types of receivers.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMH0387


Similar Part No. - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387SL TI1-LMH0387SL Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL/NOPB TI1-LMH0387SL/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI1-LMH0387SLE Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE/NOPB TI1-LMH0387SLE/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLX TI1-LMH0387SLX Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results

Similar Description - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com