Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0387SL Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH0387SL
Description  LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0387SL Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH0387SL Datasheet HTML 3Page - Texas Instruments LMH0387SL Datasheet HTML 4Page - Texas Instruments LMH0387SL Datasheet HTML 5Page - Texas Instruments LMH0387SL Datasheet HTML 6Page - Texas Instruments LMH0387SL Datasheet HTML 7Page - Texas Instruments LMH0387SL Datasheet HTML 8Page - Texas Instruments LMH0387SL Datasheet HTML 9Page - Texas Instruments LMH0387SL Datasheet HTML 10Page - Texas Instruments LMH0387SL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LMH0387
www.ti.com
SNLS315G – APRIL 2010 – REVISED APRIL 2013
Output Mode (Cable Driver) DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
VCMOUT
BNC_IO
VCC
Output Common Mode Voltage
V
VOUT
VOUT
Output Voltage Swing
RREF = 715Ω 1%
720
800
880
mVP-P
VCMIN
SDI, SDI
0.9 +
VCC
Input Common Mode Voltage
V
VID/2
VID/2
VID
Input Voltage Swing
Differential
100
2200
mVP-P
ICC
Supply Current
SD/HD = 0, equalizer in sleep
57
71
mA
mode
SD/HD = 1, equalizer in sleep
50
mA
mode
Power save mode (TX_EN = 0,
11
mA
equalizer in sleep mode)
Loopback mode (Tx and Rx both
117
mA
enabled), SD/HD = 0
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 Volts.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
Input Mode (Equalizer) AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
DRMIN
Minimum Input Data Rate
BNC_IO
125
Mbps
DRMAX
Maximum Input Data Rate
2970
Mbps
tjit
Equalizer Jitter for Various
270 Mbps, Belden 1694A,
SDO, SDO
0.2
UI
Cable Lengths
0-350 meters(2)(3)
270 Mbps, Belden 1694A,
0.2
UI
350-400 meters(3)
1.485 Gbps, Belden 1694A,
0.25
UI
0-170 meters(2)(3)
1.485 Gbps, Belden 1694A,
0.3
UI
170-200 meters(3)
2.97 Gbps, Belden 1694A,
0.3
UI
0-100 meters(2)(3)
2.97 Gbps, Belden 1694A,
0.35
UI
100-120 meters(3)
tr, tf
Output Rise Time, Fall Time
20% – 80%, 100
Ω load,
80
130
ps
Figure 1(4)
Δtr, Δtf
Mismatch in Rise/Fall Time
.(4)
2
15
ps
tOS
Output Overshoot
1
5
%
RLIN
Input Return Loss
5 MHz - 1.5 GHz(4)(5)
BNC_IO
15
dB
1.5 GHz - 3.0 GHz(4)(5)
10
dB
(1)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(2)
Based on design and characterization data over the full range of recommended operating conditions of the device. Jitter is measured in
accordance with SMPTE RP 184, SMPTE RP 192, and the applicable serial data transmission standard: SMPTE 424M, SMPTE 292M,
or SMPTE 259M.
(3)
LMH0387 equalizer launch amplitude fine tuning set to nominal via the SPI by writing 30h (“00110000 binary”) to SPI register 02h.
(4)
Specification is ensured by characterization.
(5)
Return loss is dependent on board design. The LMH0387 exceeds this specification on the SD387 evaluation board.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0387


Similar Part No. - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387SL TI1-LMH0387SL Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL/NOPB TI1-LMH0387SL/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI1-LMH0387SLE Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE/NOPB TI1-LMH0387SLE/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLX TI1-LMH0387SLX Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results

Similar Description - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com