Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0387SL Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH0387SL
Description  LMH0387 3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0387SL Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH0387SL Datasheet HTML 2Page - Texas Instruments LMH0387SL Datasheet HTML 3Page - Texas Instruments LMH0387SL Datasheet HTML 4Page - Texas Instruments LMH0387SL Datasheet HTML 5Page - Texas Instruments LMH0387SL Datasheet HTML 6Page - Texas Instruments LMH0387SL Datasheet HTML 7Page - Texas Instruments LMH0387SL Datasheet HTML 8Page - Texas Instruments LMH0387SL Datasheet HTML 9Page - Texas Instruments LMH0387SL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LMH0387
SNLS315G – APRIL 2010 – REVISED APRIL 2013
www.ti.com
Control Pin Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
VIH
Input Voltage High Level
Logic Inputs
2.0
VCC
V
VIL
Input Voltage Low Level
VEE
0.8
V
VOH
Output Voltage High Level
IOH = -2 mA
Logic Outputs
2.4
V
VOL
Output Voltage Low Level
IOL = +2 mA
0.4
V
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 Volts.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
Input Mode (Equalizer) DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
VIN
Input Voltage Swing
0m cable length(3)
BNC_IO
720
800
950
mVP−P
VSSP-P
Differential Output Voltage, P-P
100
Ω load, default register
SDO, SDO
500
700
900
mVP-P
settings, Figure 1(4)
VOD
Differential Output Voltage
250
350
450
mV
ΔVOD
Change in Magnitude of VOD for
50
mV
Complimentary Output States
VOS
Offset Voltage
1.125
1.25
1.375
V
ΔVOS
Change in Magnitude of VOS for
50
mV
Complimentary Output States
IOS
Output Short Circuit Current
30
mA
CDTHRESH DC Voltage (floating)
CDTHRESH
1.3
V
CDTHRESH Range
0.8
V
ICC
Supply Current
Equalizing cable > 120m
91
113
mA
(Belden 1694A), TX_EN = 0
Equalizing cable
≤ 120m
71
mA
(Belden 1694A), TX_EN = 0(5)
Power save mode (equalizer in
11
mA
sleep mode, TX_EN = 0)
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 Volts.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(3)
The LMH0387 equalizer can be optimized for different launch amplitudes via the SPI.
(4)
The differential output voltage and offset voltage are adjustable via the SPI.
(5)
The equalizer automatically shifts equalization stages at cable lengths less than or equal to 120m (Belden 1694A) to reduce power
consumption. This power savings is also achieved by setting Extended 3G Reach Mode = 1 via the SPI. (Note: Forcing the Extended
3G Reach Mode in this way increases the cable reach for 3G data rates but also limits the achievable cable lengths at HD and SD data
rates).
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMH0387


Similar Part No. - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387SL TI1-LMH0387SL Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SL/NOPB TI1-LMH0387SL/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE TI1-LMH0387SLE Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLE/NOPB TI1-LMH0387SLE/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387SLX TI1-LMH0387SLX Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results

Similar Description - LMH0387SL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com