Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1620CT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MUR1620CT
Description  ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUR1620CT Datasheet(HTML) 1 Page - Motorola, Inc

  MUR1620CT Datasheet HTML 1Page - Motorola, Inc MUR1620CT Datasheet HTML 2Page - Motorola, Inc MUR1620CT Datasheet HTML 3Page - Motorola, Inc MUR1620CT Datasheet HTML 4Page - Motorola, Inc MUR1620CT Datasheet HTML 5Page - Motorola, Inc MUR1620CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
SWITCHMODE™ Power Rectifiers
. . . designed for use in switching power supplies, inverters and as free
wheeling diodes, these state–of–the–art devices have the following features:
• Ultrafast 35 and 60 Nanosecond Recovery Times
• 175°C Operating Junction Temperature
• Popular TO–220 Package
• Epoxy Meets UL94, VO @ 1/8″
• High Temperature Glass Passivated Junction
• High Voltage Capability to 600 Volts
• Low Leakage Specified @ 150°C Case Temperature
• Current Derating @ Both Case and Ambient Temperatures
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Shipped 50 units per plastic tube
• Marking: U1620, U1640, U1660
MAXIMUM RATINGS
Ri
Sb l
MUR
Ui
Rating
Symbol
1620CT
1640CT
1660CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
400
600
Volts
Average Rectified Forward Current
Per Leg
Total Device, (Rated VR), TC = 150°C
Total Device
IF(AV)
8.0
16
Amps
Peak Rectified Forward Current
Per Diode Leg
(Rated VR, Square Wave, 20 kHz), TC = 150°C
IFM
16
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
100
Amps
Operating Junction Temperature and Storage Temperature
TJ, Tstg
*65 to +175
°C
THERMAL CHARACTERISTICS, PER DIODE LEG
Maximum Thermal Resistance, Junction to Case
R
θJC
3.0
2.0
°C/W
ELECTRICAL CHARACTERISTICS, PER DIODE LEG
Maximum Instantaneous Forward Voltage (1)
(iF = 8.0 Amps, TC = 150°C)
(iF = 8.0 Amps, TC = 25°C)
vF
0.895
0.975
1.00
1.30
1.20
1.50
Volts
Maximum Instantaneous Reverse Current (1)
(Rated dc Voltage, TC = 150°C)
(Rated dc Voltage, TC = 25°C)
iR
250
5.0
500
10
µA
Maximum Reverse Recovery Time
(IF = 1.0 Amp, di/dt = 50 Amps/µs)
(IF = 0.5 Amp, IR = 1.0 Amp, IREC = 0.25 Amp)
trr
35
25
60
50
ns
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MUR1620CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
3
2, 4
MUR1620CT
MUR1640CT
MUR1660CT
ULTRAFAST
RECTIFIERS
8 AMPERES
200–400–600 VOLTS
CASE 221A–06
TO–220AB
Motorola Preferred Devices
1
3
4
2
Rev 2


Similar Part No. - MUR1620CT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MUR1620CT INTERSIL-MUR1620CT Datasheet
52Kb / 5P
8A, 200V Ultrafast Dual Diodes
logo
Micro Commercial Compon...
MUR1620CT MCC-MUR1620CT Datasheet
59Kb / 2P
16 Amp Super Fast Glass Pass ivated Rectifier 50 to 200 Volts
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT Datasheet
108Kb / 8P
SWITCHMODE Power Rectifiers (ULTRAFAST RECTIFIERS 8.0 AMPERES 100-600 VOLTS)
October, 2000 ??Rev. 3
logo
Motorola, Inc
MUR1620CT MOTOROLA-MUR1620CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
ULTRAFAST RECTIFIERS
More results

Similar Description - MUR1620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
MUR3020PT MOTOROLA-MUR3020PT Datasheet
99Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3040 MOTOROLA-MUR3040 Datasheet
65Kb / 4P
ULTRAFAST RECTIFIERS 30 AMPERES 400 VOLTS
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
MUR6040 MOTOROLA-MUR6040 Datasheet
64Kb / 4P
ULTRAFAST RECTIFIERS 60 AMPERES 400 VOLTS
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MURS320T3 MOTOROLA-MURS320T3 Datasheet
107Kb / 4P
ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
logo
ON Semiconductor
MURP20020CT ONSEMI-MURP20020CT_06 Datasheet
115Kb / 3P
ULTRAFAST RECTIFIERS 200 AMPERES, 200??00 VOLTS
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com