Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 15 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 15 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 11Page - AVX Corporation 12101C474KAT2A Datasheet HTML 12Page - AVX Corporation 12101C474KAT2A Datasheet HTML 13Page - AVX Corporation 12101C474KAT2A Datasheet HTML 14Page - AVX Corporation 12101C474KAT2A Datasheet HTML 15Page - AVX Corporation 12101C474KAT2A Datasheet HTML 16Page - AVX Corporation 12101C474KAT2A Datasheet HTML 17Page - AVX Corporation 12101C474KAT2A Datasheet HTML 18Page - AVX Corporation 12101C474KAT2A Datasheet HTML 19Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 99 page
background image
0805
Size
0603
0805
1206
5
Voltage
25V = 3
50V = 5
F
Dielectric
X8R = F
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
e.g. 10µF = 106
K
Capacitance
Tolerance
J = ± 5%
K = ±10%
M = ± 20%
4
Failure
Rate
4 = Automotive
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
Z = FLEXITERM®
U = Conductive
Epoxy for
Hybrid apps
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
X8R Dielectric
General Specifications
AVX have developed a range of multilayer ceramic capacitors designed for use in applications up to
150ºC. These capacitors are manufactured with an X8R dielectric material which has a capacitance
variation of ±15% between -55ºC and +150ºC.
The need for X8R performance has been driven by customer requirements for parts that operate at
elevated temperatures. They provide a highly reliable capacitor with low loss and stable capacitance
over temperature.
They are ideal for automotive under the hood sensors, measure while drilling and log while drilling.
Typical applications include wire line logging tools such as gamma ray receivers, acoustic
transceivers and micro-resistivity tools. They can also be used as bulk capacitors for high
temperature camera modules.
X8R capacitors are available as standard and Automotive AEC-Q200 qualified parts. Optional
termination systems, tin, FLEXITERM® and conductive epoxy for hybrid applications are available.
Providing this series with our FLEXITERM® termination system provides further advantage to
customers by way of enhanced resistance to both, temperature cycling and mechanical damage.
PART NUMBER (see page 2 for complete part number explanation)
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
14
SIZE
0603
0805
1206
WVDC
25V
50V
25V
50V
25V
50V
271
Cap
270
G
G
331
(pF)
330
G
G
J
J
471
470
G
G
J
J
681
680
G
G
J
J
102
1000
G
G
J
J
J
J
152
1500
G
G
J
J
J
J
182
1800
G
G
J
J
J
J
222
2200
G
G
J
J
J
J
272
2700
G
G
J
J
J
J
332
3300
G
G
J
J
J
J
392
3900
G
G
J
J
J
J
472
4700
G
G
J
J
J
J
562
5600
G
G
J
J
J
J
682
6800
G
G
J
J
J
J
822
8200
G
G
J
J
J
J
103
Cap
0.01
G
G
J
J
J
J
123
(µF)
0.012
G
G
J
J
J
J
153
0.015
G
G
J
J
J
J
183
0.018
G
G
J
J
J
J
223
0.022
G
G
J
J
J
J
273
0.027
G
G
J
J
J
J
333
0.033
G
G
J
J
J
J
393
0.039
G
G
J
J
J
J
473
0.047
G
G
J
J
J
J
563
0.056
G
N
N
M
M
683
0.068
G
N
N
M
M
823
0.082
N
N
M
M
104
0.1
N
N
M
M
124
0.12
N
N
M
M
154
0.15
N
N
M
M
184
0.18
N
M
M
224
0.22
N
M
M
274
0.27
MM
334
0.33
MM
394
0.39
M
474
0.47
M
684
0.68
824
0.82
105
1
WVDC
25V
50V
25V
50V
25V
50V
SIZE
0603
0805
1206
= AEC-Q200 Qualified


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com