Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 13 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 13 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 9Page - AVX Corporation 12101C474KAT2A Datasheet HTML 10Page - AVX Corporation 12101C474KAT2A Datasheet HTML 11Page - AVX Corporation 12101C474KAT2A Datasheet HTML 12Page - AVX Corporation 12101C474KAT2A Datasheet HTML 13Page - AVX Corporation 12101C474KAT2A Datasheet HTML 14Page - AVX Corporation 12101C474KAT2A Datasheet HTML 15Page - AVX Corporation 12101C474KAT2A Datasheet HTML 16Page - AVX Corporation 12101C474KAT2A Datasheet HTML 17Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
ULTRA LOW ESR, “U” SERIES
3.9 pF
4.7 pF
5.1 pF
6.8 pF
10.0 pF
15.0 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
0603 “U” SERIES
10 pF
15 pF
3.3 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
0402 “U” SERIES
10.0 pF
100 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
0805 “U” SERIES
10 pF
100 pF
300 pF
1
0.1
0.01
0
500
1000
1500
2000
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
1210 “U” SERIES
ESR Measured on the Boonton 34A
RF/Microwave C0G (NP0)
Capacitors (Sn/Pb)
Ultra Low ESR, “U” Series, C0G (NP0) Chip Capacitors
CAPACITANCE RANGE
Available
Size
Cap (pF) Tolerance LD02 LD03 LD05 LD10
0.2
B,C
50V
N/A
N/A
N/A
0.3
0.4
0.5
B,C
0.6
B,C,D
0.7
0.8
0.9
B,C,D
Available
Size
Cap (pF) Tolerance LD02 LD03 LD05 LD10
1.0
B,C,D
50V 200V 200V 200V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
B,C,D
6.8
B,C,J,K,M
Available
Size
Cap (pF) Tolerance LD02 LD03 LD05 LD10
7.5
B,C,J,K,M 50V 200V 200V 200V
8.2
9.1
B,C,J,K,M
10
F,G,J,K,M
11
12
13
15
18
200V
20
100V
22
24
27
30
50V
33
N/A
36
39
43
47
51
56
68
75
82
91
Available
Size
Cap (pF) Tolerance LD02 LD03 LD05 LD10
100
F,G,J,K,M N/A 100V 200V 200V
110
50V
120
50V
130
N/A 200V
140
100V
150
160
100V
180
N/A
200
220
270
300
330
360
390
430
200V
470
100V
510
560
620
680
750
820
910
1000
F,G,J,K,M
12


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com