Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 94 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 94 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 90Page - AVX Corporation 12101C474KAT2A Datasheet HTML 91Page - AVX Corporation 12101C474KAT2A Datasheet HTML 92Page - AVX Corporation 12101C474KAT2A Datasheet HTML 93Page - AVX Corporation 12101C474KAT2A Datasheet HTML 94Page - AVX Corporation 12101C474KAT2A Datasheet HTML 95Page - AVX Corporation 12101C474KAT2A Datasheet HTML 96Page - AVX Corporation 12101C474KAT2A Datasheet HTML 97Page - AVX Corporation 12101C474KAT2A Datasheet HTML 98Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 99 page
background image
93
Surface Mounting Guide
MLC Chip Capacitors
Component pads should be designed to achieve good
solder filets and minimize component movement during
reflow soldering. Pad designs are given below for the most
common sizes of multilayer ceramic capacitors for both
wave and reflow soldering. The basis of these designs is:
• Pad width equal to component width. It is permissible to
decrease this to as low as 85% of component width but it
is not advisable to go below this.
• Pad overlap 0.5mm beneath component.
• Pad extension 0.5mm beyond components for reflow and
1.0mm for wave soldering.
D1
D2
D3
D4
D5
Case Size
D1
D2
D3
D4
D5
0201
0.85 (0.033)
0.30 (0.012)
0.25 (0.010)
0.30 (0.012)
0.35 (0.014)
0402
1.70 (0.067)
0.60 (0.024)
0.50 (0.020)
0.60 (0.024)
0.50 (0.020)
0603
2.30 (0.091)
0.80 (0.031)
0.70 (0.028)
0.80 (0.031)
0.75 (0.030)
0805
3.00 (0.118)
1.00 (0.039)
1.00 (0.039)
1.00 (0.039)
1.25 (0.049)
1206
4.00 (0.157)
1.00 (0.039)
2.00 (0.079)
1.00 (0.039)
1.60 (0.063)
1210
4.00 (0.157)
1.00 (0.039)
2.00 (0.079)
1.00 (0.039)
2.50 (0.098)
1808
5.60 (0.220)
1.00 (0.039)
3.60 (0.142)
1.00 (0.039)
2.00 (0.079)
1812
5.60 (0.220)
1.00 (0.039)
3.60 (0.142)
1.00 (0.039)
3.00 (0.118)
1825
5.60 (0.220)
1.00 (0.039)
3.60 (0.142)
1.00 (0.039)
6.35 (0.250)
2220
6.60 (0.260)
1.00 (0.039)
4.60 (0.181)
1.00 (0.039)
5.00 (0.197)
2225
6.60 (0.260)
1.00 (0.039)
4.60 (0.181)
1.00 (0.039)
6.35 (0.250)
Dimensions in millimeters (inches)
REFLOW SOLDERING
WAVE SOLDERING
Component Spacing
For wave soldering components, must be spaced sufficiently
far apart to avoid bridging or shadowing (inability of solder
to penetrate properly into small spaces). This is less
important for reflow soldering but sufficient space must be
allowed to enable rework should it be required.
Preheat & Soldering
The rate of preheat should not exceed 4°C/second to
prevent thermal shock. A better maximum figure is about
2°C/second.
For capacitors size 1206 and below, with a maximum
thickness of 1.25mm, it is generally permissible to allow a
temperature differential from preheat to soldering of 150°C.
In all other cases this differential should not exceed 100°C.
For further specific application or process advice, please
consult AVX.
Cleaning
Care should be taken to ensure that the capacitors are
thoroughly cleaned of flux residues especially the space
beneath the capacitor. Such residues may otherwise
become conductive and effectively offer a low resistance
bypass to the capacitor.
Ultrasonic cleaning is permissible, the recommended
conditions being 8 Watts/litre at 20-45 kHz, with a process
cycle of 2 minutes vapor rinse, 2 minutes immersion in the
ultrasonic solvent bath and finally 2 minutes vapor rinse.
D1
D2
D3
D4
D5
Case Size
D1
D2
D3
D4
D5
0603
3.10 (0.12)
1.20 (0.05)
0.70 (0.03)
1.20 (0.05)
0.75 (0.03)
0805
4.00 (0.15)
1.50 (0.06)
1.00 (0.04)
1.50 (0.06)
1.25 (0.05)
1206
5.00 (0.19)
1.50 (0.06)
2.00 (0.09)
1.50 (0.06)
1.60 (0.06)
Dimensions in millimeters (inches)
≥1mm (0.04)
≥1.5mm (0.06)
≥1mm (0.04)
Component Pad Design


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com