Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 88 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 88 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 84Page - AVX Corporation 12101C474KAT2A Datasheet HTML 85Page - AVX Corporation 12101C474KAT2A Datasheet HTML 86Page - AVX Corporation 12101C474KAT2A Datasheet HTML 87Page - AVX Corporation 12101C474KAT2A Datasheet HTML 88Page - AVX Corporation 12101C474KAT2A Datasheet HTML 89Page - AVX Corporation 12101C474KAT2A Datasheet HTML 90Page - AVX Corporation 12101C474KAT2A Datasheet HTML 91Page - AVX Corporation 12101C474KAT2A Datasheet HTML 92Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 99 page
background image
87
I. Capacitance (farads)
English: C = .224 K A
T
D
Metric: C =
.0884 K A
T
D
II. Energy stored in capacitors (Joules, watt - sec)
E = 12 CV2
III. Linear charge of a capacitor (Amperes)
I = C
dV
dt
IV. Total Impedance of a capacitor (ohms)
Z =
R2
S
+ (XC - XL )2
V. Capacitive Reactance (ohms)
xc =
1
2
π fC
VI. Inductive Reactance (ohms)
xL = 2
π fL
VII. Phase Angles:
Ideal Capacitors: Current leads voltage 90°
Ideal Inductors: Current lags voltage 90°
Ideal Resistors: Current in phase with voltage
VIII. Dissipation Factor (%)
D.F.= tan
(loss angle) = E.S.R. = (2
πfC) (E.S.R.)
Xc
IX. Power Factor (%)
P.F. = Sine
(loss angle) = Cos
f (phase angle)
P.F. = (when less than 10%) = DF
X. Quality Factor (dimensionless)
Q = Cotan
(loss angle) = 1
D.F.
XI. Equivalent Series Resistance (ohms)
E.S.R. = (D.F.) (Xc) = (D.F.) / (2
π fC)
XII. Power Loss (watts)
Power Loss = (2
π fCV2) (D.F.)
XIII. KVA (Kilowatts)
KVA = 2
π fCV2 x 10-3
XIV. Temperature Characteristic (ppm/°C)
T.C. =
Ct – C25
x 106
C25 (Tt – 25)
XV. Cap Drift (%)
C.D. =
C1 – C2
x 100
C
1
XVI. Reliability of Ceramic Capacitors
L
0 =
V
t
XT
t
Y
L
t
(
V
o )( To )
XVII. Capacitors in Series (current the same)
Any Number:
1
=
1 + 1 --- 1
CT
C1
C2
CN
C1 C2
Two: CT =
C1 + C2
XVIII. Capacitors in Parallel (voltage the same)
CT = C1 + C2 --- + CN
XIX. Aging Rate
A.R. = %
D C/decade of time
XX. Decibels
db = 20 log V1
V2
Pico
X 10-12
Nano
X 10-9
Micro
X 10-6
Milli
X 10-3
Deci
X 10-1
Deca
X 10+1
Kilo
X 10+3
Mega
X 10+6
Giga
X 10+9
Tera
X 10+12
K
= Dielectric Constant
f
= frequency
L
t
= Test life
A
= Area
L
= Inductance
V
t
= Test voltage
T
D
= Dielectric thickness
= Loss angle
V
o
= Operating voltage
V
= Voltage
f
= Phase angle
T
t
= Test temperature
t
= time
X & Y
= exponent effect of voltage and temp.
T
o
= Operating temperature
Rs
= Series Resistance
L
o
= Operating life
METRIC PREFIXES
SYMBOLS
Basic Capacitor Formulas


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com