Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 85 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 85 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 81Page - AVX Corporation 12101C474KAT2A Datasheet HTML 82Page - AVX Corporation 12101C474KAT2A Datasheet HTML 83Page - AVX Corporation 12101C474KAT2A Datasheet HTML 84Page - AVX Corporation 12101C474KAT2A Datasheet HTML 85Page - AVX Corporation 12101C474KAT2A Datasheet HTML 86Page - AVX Corporation 12101C474KAT2A Datasheet HTML 87Page - AVX Corporation 12101C474KAT2A Datasheet HTML 88Page - AVX Corporation 12101C474KAT2A Datasheet HTML 89Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 99 page
background image
84
Tape Size
B
1
D
1
E
2
FP
1
RT
2
WA
0 B0 K0
Max.
Min.
Min.
Min.
Max.
See Note 5
See Note 2
8mm
4.35
1.00
6.25
3.50 ± 0.05
4.00 ± 0.10
25.0
2.50 Max.
8.30
See Note 1
(0.171)
(0.039)
(0.246)
(0.138 ± 0.002)
(0.157 ± 0.004)
(0.984)
(0.098)
(0.327)
12mm
8.20
1.50
10.25
5.50 ± 0.05
4.00 ± 0.10
30.0
6.50 Max.
12.3
See Note 1
(0.323)
(0.059)
(0.404)
(0.217 ± 0.002)
(0.157 ± 0.004)
(1.181)
(0.256)
(0.484)
8mm
4.35
1.00
6.25
3.50 ± 0.05
2.00 ± 0.10
25.0
2.50 Max.
8.30
See Note 1
1/2 Pitch
(0.171)
(0.039)
(0.246)
(0.138 ± 0.002)
(0.079 ± 0.004)
(0.984)
(0.098)
(0.327)
12mm
8.20
1.50
10.25
5.50 ± 0.05
8.00 ± 0.10
30.0
6.50 Max.
12.3
See Note 1
Double
(0.323)
(0.059)
(0.404)
(0.217 ± 0.002)
(0.315 ± 0.004)
(1.181)
(0.256)
(0.484)
Pitch
Embossed Carrier Configuration
8 & 12mm Tape Only
P0
B0
P1
P2
D0
T2
T
TOP COVER
TAPE
DEFORMATION
BETWEEN
EMBOSSMENTS
CENTER LINES
OF CAVITY
MAX. CAVITY
SIZE - SEE NOTE 1
D1 FOR COMPONENTS
2.00 mm x 1.20 mm AND
LARGER (0.079 x 0.047)
10 PITCHES CUMULATIVE
TOLERANCE ON TAPE
±0.2mm (±0.008)
B1
E1
F
EMBOSSMENT
User Direction of Feed
E2
W
K0
T1
S1
A0
B1 IS FOR TAPE READER REFERENCE ONLY
INCLUDING DRAFT CONCENTRIC AROUND B0
8 & 12mm Embossed Tape
Metric Dimensions Will Govern
CONSTANT DIMENSIONS
VARIABLE DIMENSIONS
NOTES:
1. The cavity defined by A
0, B0, and K0 shall be configured to provide the following:
Surround the component with sufficient clearance such that:
a) the component does not protrude beyond the sealing plane of the cover tape.
b) the component can be removed from the cavity in a vertical direction without mechanical
restriction, after the cover tape has been removed.
c) rotation of the component is limited to 20º maximum (see Sketches D & E).
d) lateral movement of the component is restricted to 0.5mm maximum (see Sketch F).
2. Tape with or without components shall pass around radius “R” without damage.
3. Bar code labeling (if required) shall be on the side of the reel opposite the round sprocket holes.
Refer to EIA-556.
4. B
1 dimension is a reference dimension for tape feeder clearance only.
5. If P
1 = 2.0mm, the tape may not properly index in all tape feeders.
Tape Size
D
0
EP
0
P
2
S
1 Min.
T Max.
T
1
8mm
1.75 ± 0.10
4.0 ± 0.10
2.0 ± 0.05
0.60
0.60
0.10
and
(0.069 ± 0.004) (0.157 ± 0.004) (0.079 ± 0.002)
(0.024)
(0.024)
(0.004)
12mm
Max.
0.50mm (0.020)
Maximum
0.50mm (0.020)
Maximum
Top View, Sketch "F"
Component Lateral Movements
1.50
+0.10
-0.0
(0.059
+0.004 )
-0.0
Chip Orientation


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
Varistor Products - Surface Mount Varistors
logo
AVX Corporation
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
AVX Multilayer Ceramic Transient Voltage Suppression
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
AVX Surface Mount Ceramic Capacitor Products
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com