Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 84 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 84 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 80Page - AVX Corporation 12101C474KAT2A Datasheet HTML 81Page - AVX Corporation 12101C474KAT2A Datasheet HTML 82Page - AVX Corporation 12101C474KAT2A Datasheet HTML 83Page - AVX Corporation 12101C474KAT2A Datasheet HTML 84Page - AVX Corporation 12101C474KAT2A Datasheet HTML 85Page - AVX Corporation 12101C474KAT2A Datasheet HTML 86Page - AVX Corporation 12101C474KAT2A Datasheet HTML 87Page - AVX Corporation 12101C474KAT2A Datasheet HTML 88Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
83
Packaging of Chip Components
Automatic Insertion Packaging
TAPE & REEL QUANTITIES
All tape and reel specifications are in compliance with RS481.
8mm
12mm
Paper or Embossed Carrier
0612, 0508, 0805, 1206,
1210
Embossed Only
1812, 1825
1808
2220, 2225
Paper Only
0201, 0306, 0402, 0603
Qty. per Reel/7" Reel
2,000, 3,000 or 4,000, 10,000, 15,000
3,000
500, 1,000
Contact factory for exact quantity
Contact factory for exact quantity
Qty. per Reel/13" Reel
5,000, 10,000, 50,000
10,000
4,000
Contact factory for exact quantity
REEL DIMENSIONS
Tape
A
B*
C
D*
N
W
1
W
2
W
3
Size(1)
Max.
Min.
Min.
Min.
Max.
7.90 Min.
8mm
14.4
(0.311)
(0.567)
10.9 Max.
330
1.5
20.2
50.0
(0.429)
(12.992)
(0.059)
(0.795)
(1.969)
11.9 Min.
12mm
18.4
(0.469)
(0.724)
15.4 Max.
(0.607)
Metric dimensions will govern.
English measurements rounded and for reference only.
(1) For tape sizes 16mm and 24mm (used with chip size 3640) consult EIA RS-481 latest revision.
13.0
+0.50
-0.20
(0.512
+0.020)
-0.008
8.40
+1.5
-0.0
(0.331
+0.059 )
-0.0
12.4
+2.0
-0.0
(0.488
+0.079 )
-0.0


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com