Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 66 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 66 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 62Page - AVX Corporation 12101C474KAT2A Datasheet HTML 63Page - AVX Corporation 12101C474KAT2A Datasheet HTML 64Page - AVX Corporation 12101C474KAT2A Datasheet HTML 65Page - AVX Corporation 12101C474KAT2A Datasheet HTML 66Page - AVX Corporation 12101C474KAT2A Datasheet HTML 67Page - AVX Corporation 12101C474KAT2A Datasheet HTML 68Page - AVX Corporation 12101C474KAT2A Datasheet HTML 69Page - AVX Corporation 12101C474KAT2A Datasheet HTML 70Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
65
GENERAL DESCRIPTION
Inter-Digitated Capacitors (IDCs) are used for both semiconductor
package and board level decoupling. The equivalent series
inductance (ESL) of a single capacitor or an array of capacitors in
parallel determines the response time of a Power Delivery Network
(PDN). The lower the ESL of a PDN, the faster the response time.
A designer can use many standard MLCCs in parallel to reduce ESL
or a low ESL Inter-Digitated Capacitor (IDC) device. These IDC
devices are available in versions with a maximum height of 0.95mm
or 0.55mm.
IDCs are typically used on packages of semiconductor products
with power levels of 15 watts or greater. Inter-Digitated Capacitors
are used on CPU, GPU, ASIC, and ASSP devices produced on
0.13µ, 90nm, 65nm, and 45nm processes. IDC devices are used
on both ceramic and organic package substrates. These low ESL
surface mount capacitors can be placed on the bottom side or the
top side of a package substrate. The low profile 0.55mm maximum
height IDCs can easily be used on the bottom side of BGA
packages or on the die side of packages under a heat spreader.
IDCs are used for board level decoupling of systems with speeds of
300MHz or greater. Low ESL IDCs free up valuable board space by
reducing the number of capacitors required versus standard
MLCCs. There are additional benefits to reducing the number of
capacitors beyond saving board space including higher reliability
from a reduction in the number of components and lower
placement costs based on the need for fewer capacitors.
The Inter-Digitated Capacitor (IDC) technology was developed by
AVX. This is the second family of Low Inductance MLCC products
created by AVX. IDCs are a cost effective alternative to AVX’s first
generation low ESL family for high-reliability applications known as
LICA (Low Inductance Chip Array).
AVX IDC products are available with a lead-free finish of plated
Nickel/Tin.
HOW TO ORDER
+
+
0.001
1
10
100
1000
Frequency (MHz)
0.01
0.1
1
10
LICC_0612
IDC_0612
MLCC_1206
PERFORMANCE CHARACTERISTICS
Capacitance Tolerance
±20% Preferred
Operation
X7R = -55°C to +125°C
Temperature Range
X5R = -55°C to +85°C
X7S = -55°C to +125°C
Temperature Coefficient
±15% (0VDC)
Voltage Ratings
4, 6.3, 10, 16 VDC
Dissipation Factor
4V, 6.3V = 6.5% max;
10V = 5.0% max;
16V = 3.5% max
Insulation Resistance
100,000M
Ω min, or 1,000MΩ per
(@+25°C, RVDC)
µF min.,whichever is less
Dielectric Strength
No problems observed after 2.5 x RVDC
for 5 seconds at 50mA max current
CTE (ppm/C)
12.0
Thermal Conductivity 4-5W/M K
Terminations
Plated Nickel and Solder
Available
Max. Thickness
0.037" (0.95mm)
W
Style
3
IDC
Case
Size
2 = 0508
3 = 0612
L
Low
Inductance
1
Number
of
Terminals
1 = 8 Terminals
6
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
D
Dielectric
C = X7R
D = X5R
Z = X7S
225
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
M
Capacitance
Tolerance
M = ±20%
T
Termination
T = Plated Ni
and Sn
3
Packaging
Available
1=7" Reel
3=13" Reel
A
Thickness
Max. Thickness
mm (in.)
A=0.95 (0.037)
S=0.55 (0.022)
A
Failure
Rate
A = N/A
0612
0508
IDC Low Inductance Capacitors (RoHS)
0612/0508 IDC (InterDigitated Capacitors)
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
TYPICAL IMPEDANCE


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
Varistor Products - Surface Mount Varistors
logo
AVX Corporation
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
AVX Multilayer Ceramic Transient Voltage Suppression
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
AVX Surface Mount Ceramic Capacitor Products
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com