Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 62 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 62 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 58Page - AVX Corporation 12101C474KAT2A Datasheet HTML 59Page - AVX Corporation 12101C474KAT2A Datasheet HTML 60Page - AVX Corporation 12101C474KAT2A Datasheet HTML 61Page - AVX Corporation 12101C474KAT2A Datasheet HTML 62Page - AVX Corporation 12101C474KAT2A Datasheet HTML 63Page - AVX Corporation 12101C474KAT2A Datasheet HTML 64Page - AVX Corporation 12101C474KAT2A Datasheet HTML 65Page - AVX Corporation 12101C474KAT2A Datasheet HTML 66Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
61
GENERAL DESCRIPTION
The key physical characteristic determining equivalent
series inductance (ESL) of a capacitor is the size of the
current loop it creates. The smaller the current loop, the
lower the ESL.
A standard surface mount MLCC is rectangular in shape
with electrical terminations on its shorter sides. A Low
Inductance Chip Capacitor (LICC) sometimes referred to
as Reverse Geometry Capacitor (RGC) has its
terminations on the longer sides of its rectangular shape.
The image on the right shows the termination differences
between an MLCC and an LICC.
When the distance between terminations is reduced, the
size of the current loop is reduced. Since the size of the
current loop is the primary driver of inductance, an 0306
with a smaller current loop has significantly lower ESL
then an 0603. The reduction in ESL varies by EIA size,
however, ESL is typically reduced 60% or more with an
LICC versus a standard MLCC.
AVX LICC products are available with a lead-free finish of
plated Nickel/Tin.
Low Inductance Capacitors (RoHS)
0612/0508/0306/0204 LICC (Low Inductance Chip Capacitors)
HOW TO ORDER
MLCC
LICC
0.001
0.01
0.1
1
10
1
10
100
1000
Frequency (MHz)
LICC_0612
MLCC_1206
0.001
0.01
0.1
1
10
1
10
100
1000
Frequency (MHz)
LICC_0508
MLCC_0805
0612
Size
0204
0306
0508
0612
Z
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
5 = 50V
D
Dielectric
C = X7R
D = X5R
W = X6S
Z = X7S
105
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
2
Packaging
Available
2 = 7" Reel
4 = 13" Reel
A*
Thickness
Thickness
mm (in)
0.35 (0.014)
0.56 (0.022)
0.61 (0.024)
0.76 (0.030)
1.02 (0.040)
1.27 (0.050)
TYPICAL IMPEDANCE CHARACTERISTICS
PERFORMANCE CHARACTERISTICS
Capacitance Tolerances
K = ±10%; M = ±20%
Operation
X7R = -55°C to +125°C
Temperature Range
X5R = -55°C to +85°C
X7S = -55°C to +125°C
Temperature Coefficient
X7R, X5R = ±15%; X7S = ±22%
Voltage Ratings
4, 6.3, 10, 16, 25 VDC
Dissipation Factor
4V, 6.3V = 6.5% max; 10V = 5.0% max;
16V = 3.5% max; 25V = 3.0% max
Insulation Resistance
100,000M
Ω min, or 1,000MΩ per
(@+25°C, RVDC)
µF min.,whichever is less
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com