Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 60 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 60 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 56Page - AVX Corporation 12101C474KAT2A Datasheet HTML 57Page - AVX Corporation 12101C474KAT2A Datasheet HTML 58Page - AVX Corporation 12101C474KAT2A Datasheet HTML 59Page - AVX Corporation 12101C474KAT2A Datasheet HTML 60Page - AVX Corporation 12101C474KAT2A Datasheet HTML 61Page - AVX Corporation 12101C474KAT2A Datasheet HTML 62Page - AVX Corporation 12101C474KAT2A Datasheet HTML 63Page - AVX Corporation 12101C474KAT2A Datasheet HTML 64Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
59
Low Inductance Capacitors
Introduction
The signal integrity characteristics of a Power Delivery
Network (PDN) are becoming critical aspects of board level
and semiconductor package designs due to higher operating
frequencies, larger power demands, and the ever shrinking
lower and upper voltage limits around low operating voltages.
These power system challenges are coming from mainstream
designs with operating frequencies of 300MHz or greater,
modest ICs with power demand of 15 watts or more, and
operating voltages below 3 volts.
The classic PDN topology is comprised of a series of
capacitor stages. Figure 1 is an example of this architecture
with multiple capacitor stages.
An ideal capacitor can transfer all its stored energy to a load
instantly.
A real capacitor has parasitics that prevent
instantaneous transfer of a capacitor’s stored energy. The
true nature of a capacitor can be modeled as an RLC
equivalent circuit. For most simulation purposes, it is possible
to model the characteristics of a real capacitor with one
capacitor, one resistor, and one inductor. The RLC values in
this model are commonly referred to as equivalent series
capacitance (ESC), equivalent series resistance (ESR), and
equivalent series inductance (ESL).
The ESL of a capacitor determines the speed of energy
transfer to a load. The lower the ESL of a capacitor, the faster
that energy can be transferred to a load. Historically, there
has been a tradeoff between energy storage (capacitance)
and inductance (speed of energy delivery). Low ESL devices
typically have low capacitance. Likewise, higher capacitance
devices typically have higher ESLs. This tradeoff between
ESL (speed of energy delivery) and capacitance (energy
storage) drives the PDN design topology that places the
fastest low ESL capacitors as close to the load as possible.
Low Inductance MLCCs are found on semiconductor
packages and on boards as close as possible to the load.
LOW INDUCTANCE CHIP CAPACITORS
The key physical characteristic determining equivalent series
inductance (ESL) of a capacitor is the size of the current loop
it creates. The smaller the current loop, the lower the ESL. A
standard surface mount MLCC is rectangular in shape with
electrical terminations on its shorter sides. A Low Inductance
Chip Capacitor (LICC) sometimes referred to as Reverse
Geometry Capacitor (RGC) has its terminations on the longer
side of its rectangular shape.
When the distance between terminations is reduced, the size
of the current loop is reduced. Since the size of the current
loop is the primary driver of inductance, an 0306 with a
smaller current loop has significantly lower ESL then an 0603.
The reduction in ESL varies by EIA size, however, ESL is
typically reduced 60% or more with an LICC versus a
standard MLCC.
INTERDIGITATED CAPACITORS
The size of a current loop has the greatest impact on the ESL
characteristics of a surface mount capacitor. There is a
secondary method for decreasing the ESL of a capacitor.
This secondary method uses adjacent opposing current loops
to reduce ESL. The InterDigitated Capacitor (IDC) utilizes
both primary and secondary methods of reducing inductance.
The IDC architecture shrinks the distance between
terminations to minimize the current loop size, then further
reduces inductance by creating adjacent opposing current
loops.
An IDC is one single capacitor with an internal structure that
has been optimized for low ESL. Similar to standard MLCC
versus LICCs, the reduction in ESL varies by EIA case size.
Typically, for the same EIA size, an IDC delivers an ESL that is
at least 80% lower than an MLCC.
VR
Slowest Capacitors
Fastest Capacitors
Low Inductance Decoupling Capacitors
Semiconductor Product
Bulk
Board-Level
Package-Level
Die-Level
Figure 1 Classic Power Delivery Network (PDN) Architecture


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com