Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 58 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 58 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 54Page - AVX Corporation 12101C474KAT2A Datasheet HTML 55Page - AVX Corporation 12101C474KAT2A Datasheet HTML 56Page - AVX Corporation 12101C474KAT2A Datasheet HTML 57Page - AVX Corporation 12101C474KAT2A Datasheet HTML 58Page - AVX Corporation 12101C474KAT2A Datasheet HTML 59Page - AVX Corporation 12101C474KAT2A Datasheet HTML 60Page - AVX Corporation 12101C474KAT2A Datasheet HTML 61Page - AVX Corporation 12101C474KAT2A Datasheet HTML 62Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 99 page
background image
57
Capacitor Array
Multi-Value Capacitor Array (IPC)
GENERAL DESCRIPTION
A recent addition to the array product range is the Multi-
Value Capacitor Array. These devices combine two different
capacitance values in standard ‘Cap Array’ packages and
are available with a maximum ratio between the two
capacitance values of 100:1. The multi-value array is
currently available in the 0405 and 0508 2-element styles
and also in the 0612 4-element style.
Whereas to date AVX capacitor arrays have been suited to
applications where multiple capacitors of the same value are
used, the multi-value array introduces a new flexibility to the
range. The multi-value array can replace discrete capacitors
of different values and can be used for broadband
decoupling applications. The 0508 x 2 element multi-value
array would be particularly recommended in this application.
Another application is filtering the 900/1800 or 1900MHz
noise in mobile phones. The 0405 2-element, low
capacitance value NP0, (C0G) device would be suited to this
application, in view of the space saving requirements of
mobile phone manufacturers.
ADVANTAGES OF THE MULTI-VALUE
CAPACITOR ARRAYS
Enhanced Performance Due to Reduced Parasitic
Inductance
When connected in parallel, not only do discrete capacitors
of different values give the desired self-resonance, but an
additional unwanted parallel resonance also results. This
parallel resonance is induced between each capacitor’s self-
resonant frequencies and produces a peak in impedance
response. For decoupling and bypassing applications this
peak will result in a frequency band of reduced decoupling
and in filtering applications reduced attenuation.
The multi-value capacitor array, combining capacitors in one
unit, virtually eliminates the problematic parallel resonance,
by minimizing parasitic inductance between the capacitors,
thus enhancing the broadband decoupling/filtering
performance of the part.
Reduced ESR
An advantage of connecting two capacitors in parallel is a
significant reduction in ESR. However, as stated above,
using discrete components brings with it the unwanted side
effect of parallel resonance. The multi-value cap array is
an excellent alternative as not only does it perform the
same function as parallel capacitors but also it reduces the
uncertainty of the frequency response.
100
10
1
1000
Frequency (MHz)
0
0.2
0.4
0.6
0.8
1
2xDiscrete Caps (0603)
Multi Value Cap (0508)
Cap (Min/Max)
NP0
X5R/X7R
0612 4-element
100/471
221/104
0508 2-element
100/471
221/104
0405 2-element
100/101
101/103
• Max. ratio between the two cap values is 1:100.
• The voltage of the higher capacitance value dictates
the voltage of the multi-value part.
• Only combinations of values within a specific dielectric
range are possible.
IMPEDANCE VS FREQUENCY
W
Style
2
Case
Size
1 = 0405
2 = 0508
3 = 0612
A
Array
2
Number
of Caps
A
Failure
Rate
Y
Voltage
Z = 10V
Y = 16V
3 = 25V
5 = 50V
1 = 100V
C
Dielectric
A = NP0
C = X7R
D = X5R
102M
1st Value
Capacitance
Code (In pF)
2 Sig. Digits +
No. of Zeros
104M
2nd Value
Capacitance
Tolerance
K = ±10%
M = ±20%
2A
Packaging &
Quantity
Code
2A = 7" Reel (4000)
4A = 13" Reel (10000)
2F = 7" Reel (1000)
HOW TO ORDER (Multi-Value Capacitor Array - IPC)
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
**RoHS compliant
T
Terminations
T = Plated Ni and Sn**
Z = FLEXITERM®**
B = 5% min lead
X = FLEXITERM® with
5% min lead


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com