Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 54 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 54 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 50Page - AVX Corporation 12101C474KAT2A Datasheet HTML 51Page - AVX Corporation 12101C474KAT2A Datasheet HTML 52Page - AVX Corporation 12101C474KAT2A Datasheet HTML 53Page - AVX Corporation 12101C474KAT2A Datasheet HTML 54Page - AVX Corporation 12101C474KAT2A Datasheet HTML 55Page - AVX Corporation 12101C474KAT2A Datasheet HTML 56Page - AVX Corporation 12101C474KAT2A Datasheet HTML 57Page - AVX Corporation 12101C474KAT2A Datasheet HTML 58Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 99 page
background image
53
Capacitor Array
Capacitor Array (IPC)
GENERAL DESCRIPTION
AVX is the market leader in the development and manufacture of
capacitor arrays. The smallest array option available from AVX, the
0405 2-element device, has been an enormous success in the
Telecommunications market. The array family of products also
includes the 0612 4-element device as well as 0508 2-element and
4-element series, all of which have received widespread acceptance
in the marketplace.
AVX capacitor arrays are available in X5R, X7R and NP0 (C0G)
ceramic dielectrics to cover a broad range of capacitance values.
Voltage ratings from 6.3 Volts up to 100 Volts are offered. AVX
also now offers a range of automotive capacitor arrays qualified to
AEC-Q200 (see separate table).
Key markets for capacitor arrays are Mobile and Cordless Phones,
Digital Set Top Boxes, Computer Motherboards and Peripherals
as well as Automotive applications, RF Modems, Networking
Products, etc.
HOW TO ORDER
W
Style
W = RoHS
L = SnPb
2
Case
Size
1 = 0405
2 = 0508
3 = 0612
5 = 0306
A
Array
4
Number
of Caps
3
Voltage
6 = 6V
Z = 10V
Y = 16V
3 = 25V
5 = 50V
1 = 100V
C
Dielectric
A = NP0
C = X7R
D = X5R
103
Capacitance
Code
2 Sig Digits +
Number of
Zeros
M
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
2A
Packaging &
Quantity
Code
2A = 7" Reel
(4000)
4A = 13" Reel
(10000)
2F = 7" Reel
(1000)
A
Failure
Rate
A = Commercial
4 = Automotive
T
Termination
Code
T = Plated Ni
and Sn**
Z = FLEXITERM®**
B = 5% min lead
X = FLEXITERM® with
5% min lead
0405 - 2 Element
0508 - 2 Element
0508 - 4 Element
0612 - 4 Element
AVX Capacitor Array - W2A41A***K
S21 Magnitude
-40
-35
-30
-25
-20
-15
-10
-5
0
0.01
0.1
1
10
Frequency (GHz)
5pF
10pF
15pF
22pF
33pF
39pF
68pF
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
**RoHS compliant


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com