Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 52 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 52 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 48Page - AVX Corporation 12101C474KAT2A Datasheet HTML 49Page - AVX Corporation 12101C474KAT2A Datasheet HTML 50Page - AVX Corporation 12101C474KAT2A Datasheet HTML 51Page - AVX Corporation 12101C474KAT2A Datasheet HTML 52Page - AVX Corporation 12101C474KAT2A Datasheet HTML 53Page - AVX Corporation 12101C474KAT2A Datasheet HTML 54Page - AVX Corporation 12101C474KAT2A Datasheet HTML 55Page - AVX Corporation 12101C474KAT2A Datasheet HTML 56Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
51
FLEXISAFE MLC Chips
For Ultra Safety Critical Applications
AVX have developed a range of components specifically for safety
critical applications.
Utilizing the award-winning FLEXITERM™ layer in conjunction with
the cascade design previously used for high voltage MLCCs, a
range of ceramic capacitors is now available for customers who
require components designed with an industry leading set of
safety features.
The FLEXITERM™ layer protects the component from any
damage to the ceramic resulting from mechanical stress during
PCB assembly or use with end customers. Board flexure type
mechanical damage accounts for the majority of MLCC failures.
The addition of the cascade structure protects the component
from low insulation resistance failure resulting from other common
causes for failure; thermal stress damage, repetitive strike ESD
damage and placement damage. With the inclusion of the
cascade design structure to complement the FLEXITERM™ layer,
the FLEXISAFE range of capacitors has unbeatable safety
features.
FS03
Size
FS03 = 0603
FS05 = 0805
FS06 = 1206
FS10 = 1210
5
Voltage
16V = Y
25V = 3
50V = 5
100V = 1
C
Dielectric
X7R = C
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
e.g. 10µF =106
K
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
HOW TO ORDER
Q
Failure
Rate
A = Commercial
4 = Automotive
Q = APS
Z
Terminations
Z = FLEXITERMTM
X = FLEXITERMTM
with 5%
min lead
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std. Product
FLEXISAFE X7R RANGE
Capacitance
0603
0805
1206
1210
Code
nF
16
25
50
100
16
25
50
16
25
50
16
25
50
102
1
182
1.8
222
2.2
332
3.3
472
4.7
103
10
123
12
153
15
183
18
223
22
273
27
333
33
473
47
563
56
683
68
823
82
104
100
124
120
154
150
224
220
334
330
474
470
Qualified
In Qualification


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
Varistor Products - Surface Mount Varistors
logo
AVX Corporation
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
AVX Multilayer Ceramic Transient Voltage Suppression
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
AVX Surface Mount Ceramic Capacitor Products
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com