Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 51 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 51 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 47Page - AVX Corporation 12101C474KAT2A Datasheet HTML 48Page - AVX Corporation 12101C474KAT2A Datasheet HTML 49Page - AVX Corporation 12101C474KAT2A Datasheet HTML 50Page - AVX Corporation 12101C474KAT2A Datasheet HTML 51Page - AVX Corporation 12101C474KAT2A Datasheet HTML 52Page - AVX Corporation 12101C474KAT2A Datasheet HTML 53Page - AVX Corporation 12101C474KAT2A Datasheet HTML 54Page - AVX Corporation 12101C474KAT2A Datasheet HTML 55Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 99 page
background image
50
MLCC with FLEXITERM®
X7R Dielectric Capacitance Range
0603
0805
1206
1210
1812
2220
16V
25V
50V
100V
200V
10V
16V
25V
50V
100V
200V
16V
25V
50V
100V
200V
16V
25V
50V
100V
16V
25V
50V
100V
25V
50V
100V
101
121
151
181
221
271
J
J
J
J
J
J
331
JJ
J
J
J
J
JJ
J
J
J
391
JJ
J
J
J
J
JJ
J
J
J
471
JJ
J
J
J
J
JJ
J
J
J
561
JJ
J
J
J
J
JJ
J
J
J
681
JJ
J
J
J
J
JJ
J
J
J
821
JJ
J
J
J
J
JJ
J
J
J
102
JJ
J
J
J
J
JJ
J
J
J
J
J
J
J
J
122
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
152
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
182
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
222
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
272
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
332
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
392
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
472
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
562
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
682
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
822
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
103
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
123
JJ
J
J
JJ
J
M
J
J
J
J
J
153
JJ
J
J
JJ
J
M
J
J
J
J
J
183
JJ
J
J
JJ
J
M
J
J
J
J
J
223
JJ
J
J
JJ
J
M
J
J
J
J
J
K
273
JJ
J
J
JJ
J
M
J
J
J
J
J
K
333
J
J
J
J
J
J
J
M
J
J
J
J
J
K
393
JJ
J
J
JJ
J
M
J
J
J
M
J
K
473
JJ
J
J
JJ
J
M
J
J
J
M
J
K
563
JJ
J
J
JJ
J
N
J
J
J
M
J
K
K
K
M
K
K
K
K
683
JJ
J
J
JJ
J
N
J
J
J
M
J
K
K
K
M
K
K
K
K
823
JJ
J
J
JJ
J
N
J
J
J
P
J
K
K
K
M
K
K
K
K
104
JJ
J
J
JJ
J
N
J
J
J
Q
J
K
K
K
P
K
K
K
K
X
X
X
124
J
J
J
N
N
J
J
P
Q
K
K
K
Q
K
K
K
K
154
M
M
NN
N
J
J
P
Q
K
K
K
Q
K
K
K
MX
X
X
184
M
M
N
N
N
J
M
P
Q
M
M
M
Q
K
K
K
M
224
M
M
N
N
N
J
M
P
Q
M
M
M
Q
M
M
M
X
X
X
X
274
N
N
N
N
N
J
M
P
Q
P
P
P
Q
M
M
M
X
334
N
N
N
N
N
J
M
P
Q
P
P
P
Q
M
M
M
X
X
X
X
394
N
N
N
N
N
M
M
P
Q
P
P
P
Q
X
X
X
X
474
N
N
N
N
N
M
M
P
Q
P
P
P
Q
X
X
X
X
X
X
X
564
N
N
N
M
Q
Q
Q
P
Q
Q
Q
X
X
X
Z
684
N
N
N
M
Q
Q
Q
P
X
X
X
X
X
X
Z
X
X
X
824
N
N
N
M
Q
Q
Q
P
Z
Z
Z
X
X
X
Z
105
N
N
N
M
Q
Q
Q
P
Z
Z
Z
X
X
X
Z
X
X
X
155
Q
Q
P
Z
Z
Z
ZZX
X
X
185
Q
Q
ZZZ
Z
Z
Z
225
Q
Q
ZZZ
Z
Z
Z
X
X
X
335
ZZZ
Z
Z
475
ZZZ
Z
Z
106
ZZ
226
Z
16V
25V
50V
100V
200V
10V
16V
25V
50V
100V
200V
16V
25V
50V
100V
200V
16V
25V
50V
100V
16V
25V
50V
100V
25V
50V
100V
0603
0805
1206
1210
1812
2220
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com