Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 48 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 48 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 44Page - AVX Corporation 12101C474KAT2A Datasheet HTML 45Page - AVX Corporation 12101C474KAT2A Datasheet HTML 46Page - AVX Corporation 12101C474KAT2A Datasheet HTML 47Page - AVX Corporation 12101C474KAT2A Datasheet HTML 48Page - AVX Corporation 12101C474KAT2A Datasheet HTML 49Page - AVX Corporation 12101C474KAT2A Datasheet HTML 50Page - AVX Corporation 12101C474KAT2A Datasheet HTML 51Page - AVX Corporation 12101C474KAT2A Datasheet HTML 52Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 99 page
background image
47
MLCC with FLEXITERM®
Specifications and Test Methods
PERFORMANCE TESTING
BOARD BEND TEST PROCEDURE
According to AEC-Q200
BEND TESTPLATE
CONTROL PANEL
CONNECTOR
DIGITAL
CALIPER
MOUNTING
ASSEMBLY
LOADING
KNIFE
CONTROL
PANEL
BOARD BEND TEST RESULTS
AEC-Q200 Vrs AVX FLEXITERM® Bend Test
12
0603
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
1206
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
0805
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
1210
10
8
6
4
2
0
NPO
X7R
X7R soft term
TEMPERATURE CYCLE TEST PROCEDURE
1 hour 12mins
+1250 C
+250 C
-550 C
AVX ENHANCED SOFT
TERMINATION BEND TEST
PROCEDURE
Bend Test
The capacitor is soldered to the printed circuit
board as shown and is bent up to 10mm at
1mm per second:
Typical bend test results are shown below:
Style
Conventional Termination
FLEXITERM®
0603
>2mm
>5mm
0805
>2mm
>5mm
1206
>2mm
>5mm
AEC-Q200 Qualification:
• Created by the Automotive Electronics
Council
• Specification defining stress
test qualification for
passive components
Testing:
Key tests used to compare
soft termination to
AEC-Q200 qualification:
• Bend Test
• Temperature Cycle Test
Test Procedure as per AEC-Q200:
The test is conducted to determine the resistance of the
component when it is exposed to extremes of alternating
high and low temperatures.
• Sample lot size quantity 77 pieces
• TC chamber cycle from -55ºC to +125ºC for 1000 cycles
• Interim electrical measurements at 250, 500, 1000 cycles
• Measure parameter capacitance dissipation factor,
insulation resistance
Test Procedure as per AEC-Q200:
Sample size:
20 components
Span: 90mm
Minimum deflection spec: 2 mm
• Components soldered onto FR4 PCB (Figure 1)
• Board connected electrically to the test equipment
(Figure 2)
Fig 1 - PCB layout with electrical connections
Fig 2 - Board Bend test
equipment
Test Temperature Profile (1 cycle)
TABLE SUMMARY
• The board is placed on 2 supports 90mm
apart (capacitor side down)
• The row of capacitors is aligned with the
load stressing knife
• The load is applied and the deflection where
the part starts to crack is recorded (Note:
Equipment detects the start of the crack
using a highly sensitive current detection
circuit)
• The maximum deflection capability is 10mm
Max. = 10mm
Max. = 10mm
90mm


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com