Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 44 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 44 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 40Page - AVX Corporation 12101C474KAT2A Datasheet HTML 41Page - AVX Corporation 12101C474KAT2A Datasheet HTML 42Page - AVX Corporation 12101C474KAT2A Datasheet HTML 43Page - AVX Corporation 12101C474KAT2A Datasheet HTML 44Page - AVX Corporation 12101C474KAT2A Datasheet HTML 45Page - AVX Corporation 12101C474KAT2A Datasheet HTML 46Page - AVX Corporation 12101C474KAT2A Datasheet HTML 47Page - AVX Corporation 12101C474KAT2A Datasheet HTML 48Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
43
APS Series
APS for COTS+ Applications
GENERAL DESCRIPTION
As
part
of
our
continuing
support
to
high
reliability
customers,
AVX
has launched an Automotive Plus Series of parts (APS) qualified and manufactured
in accordance with automotive AEC-Q200 standard. Each production batch is qual-
ity tested to an enhanced requirement and shipped with a certificate of conformance.
On a quarterly basis a reliability package is issued to all APS customers.
A detailed qualification package is available on request and contains results on a
range of part numbers including:
• X7R dielectric components containing BME electrode and copper terminations
with a Ni/Sn plated overcoat.
• X7R dielectric components BME electrode and soft terminations with a Ni/Sn
plated overcoat (FLEXITERM®).
• X7R for Hybrid applications.
• NP0 dielectric components containing Pd/Ag electrode and silver termination with
a Ni/Sn plated overcoat.
We are also able to support customers who require an AEC-Q200 grade component
finished with Tin/Lead.
HOW TO ORDER
AP03
Size
AP03=0603
AP05=0805
AP06=1206
AP10=1210
AP12=1812
5
Voltage
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
500V = 7
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Dielectric
NP0 = A
X7R = C
104
Capacitance
Code (In pF)
2 Significant Digits +
Number of Zeros
e.g. 10µF = 106
K
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
Q
Failure Rate
Q = APS
A
Special Code
A = Std. Product
T
Terminations
T = Plated Ni and Sn**
Z = FLEXITERM
®**
U = Conductive Epoxy**
B = 5% min lead
X = FLEXITERM
® with
5% min lead
Z, U, X for X7R only
**RoHS compliant
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com