Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 42 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 42 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 38Page - AVX Corporation 12101C474KAT2A Datasheet HTML 39Page - AVX Corporation 12101C474KAT2A Datasheet HTML 40Page - AVX Corporation 12101C474KAT2A Datasheet HTML 41Page - AVX Corporation 12101C474KAT2A Datasheet HTML 42Page - AVX Corporation 12101C474KAT2A Datasheet HTML 43Page - AVX Corporation 12101C474KAT2A Datasheet HTML 44Page - AVX Corporation 12101C474KAT2A Datasheet HTML 45Page - AVX Corporation 12101C474KAT2A Datasheet HTML 46Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
41
Automotive MLCC - X7R
Capacitance Range
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
0402
0603
0805
1206
1210
1812
2220
16V
25V
50V
16V
25V
50V 100V 200V 16V
25V
50V 100V 200V 16V
25V
50V 100V 200V 500V 16V
25V
50V 100V 50V 100V 25V
50V
221
Cap .22
271
(nF)
.27
331
.33
391
.39
471
.47
561
.56
681
.68
821
.82
102
1
GGGGG
JJJJJJJJJJJ
K
K
KKKK
182
1.8
GGGG
JJJJJJJJJJJ
K
K
KKKK
222
2.2
GGGG
JJJJJJJJJJJ
K
K
KKKK
332
3.3
GGGG
JJJJJJJJJJJ
K
K
KKKK
472
4.7
GGGG
JJJJJJJJJJJ
K
K
KKKK
103
10
GGGG
JJJJJJJJJJJ
K
K
KKKK
123
12
G
G
G
JJJ
M
JJJJJ
K
K
KKKK
153
15
G
G
G
JJJ
M
JJJJJ
K
K
KKKK
183
18
G
G
G
JJJ
M
JJJJJ
K
K
KKKK
223
22
G
G
G
JJJ
M
JJJJJ
K
K
KKKK
273
27
G
G
G
JJJ
M
JJJJJ
K
K
KKKK
333
33
G
G
G
JJJ
M
JJJJJ
K
K
KKKK
473
47
G
G
G
J
J
J
M
J
J
J
M
J
KKKKKK
563
56
G
G
G
JJJ
M
JJJ
M
J
K
K
K
M
K
K
683
68
G
G
G
JJJ
M
JJJ
M
J
K
K
K
M
K
K
823
82
G
G
G
JJJ
M
JJJ
M
J
K
K
K
M
K
K
104
100
G
G
G
J
J
M
M
J
J
J
M
J
K
K
K
M
K
K
124
120
J
J
M
J
J
M
M
K
K
K
P
K
K
154
150
M
N
M
J
J
M
M
K
K
K
P
K
K
224
220
M
N
M
J
M
M
Q
M
M
M
P
M
M
334
330
N
N
M
J
M
P
Q
P
P
P
Q
X
X
474
470
N
N
M
M
M
P
Q
P
P
P
Q
X
X
684
680
N
N
M
Q
Q
Q
P
P
Q
X
X
X
105
Cap
1
N
N
M
Q
Q
Q
P
Q
Q
X
X
X
155
(µF)
1.5
Q
Q
P
Q
ZZXX
225
2.2
Q
Q
XZZZZZ
335
3.3
XZZ
Z
475
4.7
XZZ
Z
106
10
Z
226
22
Z
16V
25V
50V
16V
25V
50V 100V 200V 16V
25V
50V 100V 200V 16V
25V
50V 100V 200V 500V 16V
25V
50V 100V 50V 100V 25V
50V
0402
0603
0805
1206
1210
1812
2220
= Under Development


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com