Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 37 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 37 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 33Page - AVX Corporation 12101C474KAT2A Datasheet HTML 34Page - AVX Corporation 12101C474KAT2A Datasheet HTML 35Page - AVX Corporation 12101C474KAT2A Datasheet HTML 36Page - AVX Corporation 12101C474KAT2A Datasheet HTML 37Page - AVX Corporation 12101C474KAT2A Datasheet HTML 38Page - AVX Corporation 12101C474KAT2A Datasheet HTML 39Page - AVX Corporation 12101C474KAT2A Datasheet HTML 40Page - AVX Corporation 12101C474KAT2A Datasheet HTML 41Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 99 page
background image
NOTE: Contact factory for availability of tolerance options for specific part numbers.
36
AVX introduces the LT series comprising a range of low profile
products in our X5R and X7R dielectric. X5R is a Class II dielectric
with temperature varation of capacitance within ±15% from –55°C to
+85°C. Offerings include 0201, 0402, 0603, 0805 1206, and 1210
packages in compact, low profile designs. The LT series is ideal for
decoupling and filtering applications where height clearance is limited.
AVX is also expanding the low profile products in our X7R dielectric.
X7R is a Class II dielectric with temperature variation of capacitance
within ±15% from -55ºC to +125ºC. Please contact the factory for
availability of any additional values not listed.
MLCC Low Profile
General Specifications
PART NUMBER (see page 2 for complete part number explanation)
GENERAL DESCRIPTION
LT05
Size
LT01 - 0201
LT02 - 0402
LT03 - 0603
LT05 - 0805
LT06 - 1206
LT10 - 1210
Z
Voltage
4V = 4
6.3V = 6
10V = Z
16V = Y
25V = 3
D
Dielectric
X5R = D
X7R = C
475
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
K
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory
For
Multiples
S
Special
Code
See table below
Letter
J
Z
Q
C
S
X
W
Max.
0.15
0.22
0.25
0.36
0.56
0.95
1.02
Thickness
(0.006)
(0.009)
(0.010)
(0.014)
(0.022)
(0.038)
(0.040)
PAPER
SIZE
LT01
LT02
LT03
LT05
LT06
LT10
WVDC
4
4
6.3
10
16
4
6.3
16
25
6.3
10
16
25
10
16
25
16
25
Cap
104
0.10
Z
Q
S
(µF)
0.22
X
0.47
XX
105
1.0
C
S
S
X
X
X
1.5
2.2
S
S
X
X
4.7
SX
SX
W
W
W
106
10
X/W
X
X
W
W
22
47
WVDC
4
4
6.3
10
16
4
6.3
16
25
6.3
10
16
25
10
16
25
16
25
SIZE
LT01
LT02
LT03
LT05
LT06
LT10
EMBOSSED
= X7R


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com