Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 27 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 27 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 23Page - AVX Corporation 12101C474KAT2A Datasheet HTML 24Page - AVX Corporation 12101C474KAT2A Datasheet HTML 25Page - AVX Corporation 12101C474KAT2A Datasheet HTML 26Page - AVX Corporation 12101C474KAT2A Datasheet HTML 27Page - AVX Corporation 12101C474KAT2A Datasheet HTML 28Page - AVX Corporation 12101C474KAT2A Datasheet HTML 29Page - AVX Corporation 12101C474KAT2A Datasheet HTML 30Page - AVX Corporation 12101C474KAT2A Datasheet HTML 31Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
26
Y5V Dielectric
General Specifications
Y5V formulations are for general-purpose use in a limited
temperature range. They have a wide temperature
characteristic of +22% –82% capacitance change over the
operating temperature range of –30°C to +85°C.
These characteristics make Y5V ideal for decoupling
applications within limited temperature range.
0805
Size
(L" x W")
3
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
50V = 5
G
Dielectric
Y5V = G
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
Z
Capacitance
Tolerance
Z = +80 –20%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
PART NUMBER (see page 2 for complete part number explanation)
+20
+10
0
-55
-35 -15
+5 +25 +45 +65 +85 +105 +125
Temperature
°C
Temperature Coefficient
-60
-50
-40
-30
-20
-10
-70
-80
+20
+40
0
0
% DC Bias Voltage
Capacitance Change
vs. DC Bias Voltage
-60
-40
-20
-100
-80
20
40
60
80
100
1,000
10,000
100
0
+20
+30
+40
+60
+50
+70
+80
+90
Temperature
°C
Insulation Resistance vs. Temperature
10,000
1,000
10,000
Frequency (Hz)
0.1
F - 0603
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000
1,000
10,000
Frequency (Hz)
0.22
F - 0805
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000
1,000
10,000
Frequency (Hz)
1
F - 1206
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
Varistor Products - Surface Mount Varistors
logo
AVX Corporation
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
AVX Multilayer Ceramic Transient Voltage Suppression
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
AVX Surface Mount Ceramic Capacitor Products
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com