Electronic Components Datasheet Search |
|
12101C474KAT2A Datasheet(PDF) 21 Page - AVX Corporation |
|
|
12101C474KAT2A Datasheet(HTML) 21 Page - AVX Corporation |
21 / 99 page 20 X7S formulations are called “temperature stable” ceramics and fall into EIA Class II materials. Its temperature variation of capacitance is within ±22% from –55°C to +125°C. This capacitance change is non-linear. Capacitance for X7S varies under the influence of electrical operating conditions such as voltage and frequency. X7S dielectric chip usage covers the broad spectrum of industrial applications where known changes in capacitance due to applied voltages are acceptable. X7S Dielectric General Specifications PART NUMBER (see page 2 for complete part number explanation) GENERAL DESCRIPTION TYPICAL ELECTRICAL CHARACTERISTICS 1206 Size (L" x W") Z Voltage 4 = 4V 6 = 6.3V Z = 10V Y = 16V 3 = 25V 5 = 50V 1 = 100V 2 = 200V Z Dielectric Z = X7S 105 Capacitance Code (In pF) 2 Sig. Digits + Number of Zeros M Capacitance Tolerance K = ±10% M = ±20% A Failure Rate A = N/A T Terminations T = Plated Ni and Sn 2 Packaging 2 = 7" Reel 4 = 13" Reel 7 = Bulk Cass. A Special Code A = Std. Product +10 +20 +30 0 -10 -20 -30 1KHz 10 KHz 100 KHz 1 MHz 10 MHz Frequency Capacitance vs. Frequency 1,000 10,000 100 0 0 20 120 40 60 80 Temperature °C Insulation Resistance vs Temperature 100 10 100 1000 Frequency, MHz Variation of Impedance with Cap Value Impedance vs. Frequency 1,000 pF vs. 10,000 pF - X7S 0805 0.10 0.01 1.00 1,000 pF 10,000 pF 10.00 110 100 1,000 Frequency, MHz Variation of Impedance with Chip Size Impedance vs. Frequency 100,000 pF - X7S 0.1 .01 1.0 1206 0805 10 1210 110 100 1,000 Frequency, MHz Variation of Impedance with Chip Size Impedance vs. Frequency 10,000 pF - X7S 0.1 .01 1.0 1206 0805 10 1210 10 5 0 -5 -10 -15 -20 -25 -60 -40 -20 0 20 40 Temperature ( °C) 60 80 100 120 140 X7S Dielectric Typical Temperature Coefficient NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers. |
Similar Part No. - 12101C474KAT2A |
|
Similar Description - 12101C474KAT2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |