Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 16 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 16 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 12Page - AVX Corporation 12101C474KAT2A Datasheet HTML 13Page - AVX Corporation 12101C474KAT2A Datasheet HTML 14Page - AVX Corporation 12101C474KAT2A Datasheet HTML 15Page - AVX Corporation 12101C474KAT2A Datasheet HTML 16Page - AVX Corporation 12101C474KAT2A Datasheet HTML 17Page - AVX Corporation 12101C474KAT2A Datasheet HTML 18Page - AVX Corporation 12101C474KAT2A Datasheet HTML 19Page - AVX Corporation 12101C474KAT2A Datasheet HTML 20Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
15
X8R Dielectric
General Specifications
APPLICATIONS FOR X8R CAPACITORS
• All market sectors with a 150°C requirement
• Automotive on engine applications
• Oil exploration applications
• Hybrid automotive applications
– Battery control
– Inverter / converter circuits
– Motor control applications
– Water pump
• Hybrid commercial applications
– Emergency circuits
– Sensors
– Temperature regulation
ENGINEERING TOOLS FOR HIGH VOLTAGE MLC CAPACITORS
• Samples
• Technical Articles
• Application Engineering
• Application Support
ADVANTAGES OF X8R MLC CAPACITORS
• Capacitance variation of ±15% between –55°C and
+150°C
• Qualified to the highest automotive AEC-Q200 standards
• Excellent reliability compared to other capacitor
technologies
• RoHS compliant
• Low ESR / ESL compared to other technologies
• Tin solder finish
• FLEXITERM® available
• Hybrid available
• 50V range available
X8R Dielectric
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
5.00
-60
-40
-20
0
20
40
60
X7R included
for comparison
80
100
120
140
160
Temperature (°C)
0805, 50V, X8R Typical Temperature Coefficient


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com