Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BX7967 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BX7967
Description  RF Amplifi er
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BX7967 Datasheet(HTML) 1 Page - API Technologies Corp

  BX7967 Datasheet HTML 1Page - API Technologies Corp BX7967 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
Gain
Gain Flatness (+/-) over any 50 MHz band
Gain Variation over Temp.
Pout @ 1 dB Compression
Input VSWR
Output VSWR
Reverse Isolation
3rd Order Output Intercept Point
2nd Order Output Intercept Point
Noise Figure
Supply Voltage
Supply Current
Revision: 7/11/2012
SMA Housing Size
RF Connectors
Operating Case Temp. (Min./Max. Values)
800 to 2300 MHz
25 dB
+/- 0.5 dB
-
30 dBm
1.4:1
1.4:1
-
40 dBm
55 dBm
1.5 dB
+15 volts
360 mA
800 to 2300 MHz
24 dB Min
+/- 0.5 dB
-
29 dBm
1.5:1 Max.
1.5:1 Max.
-
-
-
2.0 dB
+15 volts
400 mA Max.
Typical values are measured at 25°C but not guaranteed.
1.25
" L x 0.764" W x 0.300" H (#088-00256 Laser Sealed Housing)
SMA Female
-10°C to +85°C
The Model BX7967 is a standard high performance amplifier covering a wide 800 MHz to 2300 MHz bandwidth with a two
stage 25 dB gain design. This standard design comes an SMA Connectorized Housing (BX7967). It may also be ordered in
a screened MIL-STD-883 version (SX7967). All specification ratings are based on measurements in a 50 ohm system with a
DC supply voltage tolerance of +/- 2%.
Storage Temperature
Operating Temperature (Case)
DC Voltage @ 25°C
Input Drive @ 25°C (CW)
FEATURES
• Standard Design
• High 1 Watt Output Power
• Wide 800-2300 MHz Bandwidth
• SMA Connectorized Housing
RF Amplifier
800 to 2300 MHz
Model BX7967
Parameter
Typical
Min. / Max.
Spectrum Microwave, Inc. • PH: 888.553.7531 • Fax: 888.553.7532 • Email: sales@SpectrumMicrowave.com • www.SpectrumMicrowave.com
Maximum (No Damage) Ratings
-65°C to +125°C
-55°C to +85°C
+17 VDC
+20 dBm (Peak Input 500 mW @ 3 μsec Max)


Similar Part No. - BX7967

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX7101 APITECH-BX7101 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
BX7101PM APITECH-BX7101PM Datasheet
68Kb / 1P
RF AMPLIFIER MODEL
BX7102 APITECH-BX7102 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
BX7103 APITECH-BX7103 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
BX7104 APITECH-BX7104 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - BX7967

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
logo
Sanyo Semicon Device
2SK715W SANYO-2SK715W Datasheet
487Kb / 7P
AM Tuner, RF Amplifi er Applications
logo
API Technologies Corp
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
Microwave Amplifi er
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
Microwave Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
Microwave Amplifi er
BXMP1050 APITECH-BXMP1050 Datasheet
157Kb / 2P
RF Amplifi er
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com