Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXHF1057 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXHF1057
Description  Microwave Amplifi er
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXHF1057 Datasheet(HTML) 1 Page - API Technologies Corp

  BXHF1057 Datasheet HTML 1Page - API Technologies Corp BXHF1057 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
Gain
Input VSWR
Output VSWR
P
out @ 1 dB Compression
3rd Order Output Intercept Point
2nd Order Output Intercept Point
Noise Figure
Supply Voltage
Supply Current
Revision: 9/12/2013
Housing Size
RF Connectors
Operating Case Temp. (Min./Max. Values)
2000 to 8000 MHz
16 dB
1.5:1
1.5:1
+16 dBm
+23 dBm
+33 dBm
1.8 dB
+12 volts
65 mA
2000 to 8000 MHz
15 dB Min.
2.0:1 Max.
2.0:1 Max.
15 dBm Min.
-
-
2.5 dB Max.
+12 volts
75 mA Max.
Typical values are measured at 25
°C but not guaranteed.
0.870" L x 1.060" W x 0.300" H (Housing # 088-00370)
Gold Plated Pins or SMA Female
-20
°C to +70°C
The Model BXHF1057 is standard high frequency amplifier covering 2000 MHz to 8000 MHz. This two stage design, utilizes
an input voltage regulator to protect against fluctuations in supply voltage, reverse bias protection circuitry, and a laser
sealed housing for the ultimate in environmental protection. This standard design may also be ordered in a screened MIL-
STD-883 version as a model SXHF1057. All specification ratings are based on measurements in a 50 ohm system with a
DC supply voltage tolerance of +/- 2%.
Storage Temperature
Operating Temperature (Case)
DC Voltage @ 25
°C
Input Drive @ 25
°C (CW)
FEATURES
• Output Power @ 1dB Comp.: +16 dBm
• Reverse Bias Protection
• Laser Sealed Housing
• Input RF Surge Protection
Microwave Amplifier
2000 to 8000 MHz
Model BXHF1057
Parameter
Typical
Min. / Max.
Spectrum Microwave, Inc. • PH: 888.553.7531 • Fax: 888.553.7532 • Email: sales@SpectrumMicrowave.com • www.SpectrumMicrowave.com
Maximum (No Damage) Ratings
-65
°C to +125°C
-40
°C to +85°C
+15 VDC
+10 dBm


Similar Part No. - BXHF1057

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
More results

Similar Description - BXHF1057

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
BXHF1062 APITECH-BXHF1062 Datasheet
413Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1068 APITECH-BXHF1068 Datasheet
113Kb / 2P
   Microwave Amplifi er
BXL9812 APITECH-BXL9812 Datasheet
82Kb / 2P
   Microwave Limiting Amplifi er
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com