Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C240-10JL Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS27C240-10JL
Description  TMS27C240 262144 BY 16-BIT UV ERASABLE TM27PC240 262144 BY 16-BIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C240-10JL Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS27C240-10JL Datasheet HTML 7Page - Texas Instruments TMS27C240-10JL Datasheet HTML 8Page - Texas Instruments TMS27C240-10JL Datasheet HTML 9Page - Texas Instruments TMS27C240-10JL Datasheet HTML 10Page - Texas Instruments TMS27C240-10JL Datasheet HTML 11Page - Texas Instruments TMS27C240-10JL Datasheet HTML 12Page - Texas Instruments TMS27C240-10JL Datasheet HTML 13Page - Texas Instruments TMS27C240-10JL Datasheet HTML 14Page - Texas Instruments TMS27C240-10JL Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TMS27C240 262144 BY 16BIT UV ERASABLE
TMS27PC240 262144 BY 16BIT
PROGRAMMABLE READONLY MEMORIES
SMLS240D− NOVEMBER 1990 − REVISED SEPTEMBER 1997
14
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
J (R-CDIP-T**)
CERAMIC SIDE-BRAZE DUAL-IN-LINE PACKAGE
4040084 / B 04/95
B
C
0.018 (0,46) MIN
0.125 (3,18) MIN
0.022 (0,56)
0.012 (0,30)
0.014 (0,36)
0.008 (0,20)
Seating Plane
A
WIDE
24
A
PINS**
DIM
MAX
MIN
NARR
0.624(15,85) 0.624(15,85)
0.590(14,99) 0.590(14,99)
1.235(31,37) 1.235(31,37)
1.265(32,13) 1.265(32,13)
MIN
MAX
B
C
MAX
MIN
0.541(13,74) 0.598(15,19)
0.514(13,06) 0.571(14,50)
0.514(13,06) 0.571(14,50)
0.541(13,74) 0.598(15,19)
1.668(42,37) 1.668(42,37)
1.632(41,45) 1.632(41,45)
0.590(14,99) 0.590(14,99)
0.624(15,85) 0.624(15,85)
NARR
32
WIDE
0.514(13,06) 0.571(14,50)
0.541(13,74) 0.598(15,19)
1.465(37,21) 1.465(37,21)
1.435(36,45) 1.435(36,45)
0.590(14,99) 0.590(14,99)
0.624(15,85) 0.624(15,85)
NARR
28
WIDE
WIDE
40
NARR
0.624(15,85) 0.624(15,85)
0.590(14,99) 0.590(14,99)
2.032(51,61) 2.032(51,61)
2.068(52,53) 2.068(52,53)
0.541(13,74) 0.598(15,19)
0.514(13,06) 0.571(14,50)
24 PIN SHOWN
1
12
24
13
0.045 (1,14)
0.065 (1,65)
0.090 (2,29)
0.060 (1,53)
Lens Protrusion
0.010 (0,25) MAX
0.175 (4,45)
0.140 (3,56)
0.100 (2,54)
0
°−10°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.
D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only.


Similar Part No. - TMS27C240-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C240-10JL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
262144 BY 16-BIT MULTIPORT VIDEO RAMS
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com