Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C240-10JL Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS27C240-10JL
Description  TMS27C240 262144 BY 16-BIT UV ERASABLE TM27PC240 262144 BY 16-BIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C240-10JL Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS27C240-10JL Datasheet HTML 5Page - Texas Instruments TMS27C240-10JL Datasheet HTML 6Page - Texas Instruments TMS27C240-10JL Datasheet HTML 7Page - Texas Instruments TMS27C240-10JL Datasheet HTML 8Page - Texas Instruments TMS27C240-10JL Datasheet HTML 9Page - Texas Instruments TMS27C240-10JL Datasheet HTML 10Page - Texas Instruments TMS27C240-10JL Datasheet HTML 11Page - Texas Instruments TMS27C240-10JL Datasheet HTML 12Page - Texas Instruments TMS27C240-10JL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TMS27C240 262144 BY 16BIT UV ERASABLE
TMS27PC240 262144 BY 16BIT
PROGRAMMABLE READONLY MEMORIES
SMLS240D− NOVEMBER 1990 − REVISED SEPTEMBER 1997
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH High-level dc output voltage
IOH = − 400 µA
2.4
V
VOH High-level dc output voltage
IOH = − 20 µA
VCC − 0.1
V
VOL
Low-level dc output voltage
IOL = 2.1 mA
0.4
V
VOL
Low-level dc output voltage
IOL = 20 µA
0.1
V
II
Input current (leakage)
VI = 0 V to 5.5 V
±1
µA
IO
Output current (leakage)
VO = 0 V to VCC
±1
µA
IPP1 VPP supply current
VPP = VCC = 5.5 V
10
µA
IPP2 VPP supply current (during program pulse)
VPP = 13 V
50
mA
ICC1 VCC supply current (standby)
VCC = 5.5 V,
E = VIH
1
mA
ICC1 VCC supply current (standby)
VCC = 5.5 V,
E = VCC
100
µA
ICC2 VCC supply current (active)
VCC = 5.5 V,
E = VIL,
tcycle = minimum cycle time,
outputs open
50
mA
capacitance
over
recommended
ranges
of
supply
voltage
and
operating
free-air
temperature, f = 1 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Ci
Input capacitance
VI = 0 V
4
8
pF
Co
Output capacitance
VO = 0 V
8
12
pF
† Capacitance measurements are made on a sample basis only.
‡ Typical values are at TA = 25°C and nominal voltages.
switching characteristics over recommended ranges of operating conditions (see Notes 3
and 4)
PARAMETER
TEST CONDITIONS
’27C240 - 10
’27 PC240 - 10
’27C240 - 12
’27 PC240 - 12
’27C240 - 15
’27 PC240 - 15
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
100
120
150
ns
ta(E)
Access time from chip enable
CL = 100 pF,
100
120
150
ns
ten(G)
Output enable time from G
CL = 100 pF,
1 Series 74
TTL load,
50
50
50
ns
tdis
Output disable time from G or E, whichever
occurs first†
1 Series 74
TTL load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
50
0
50
0
50
ns
tv(A)
Output data valid time after change of
address, E, or G, whichever occurs first§
Input tf ≤ 20 ns
0
0
0
ns
§ Value calculated from 0.5 V delta to measured level.
NOTES:
3. For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low (see Figure 2).
4. Common test conditions apply for tdis except during programming.


Similar Part No. - TMS27C240-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C240-10JL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
262144 BY 16-BIT MULTIPORT VIDEO RAMS
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com