Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521-900 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 521-900
Description  COAXIAL RESONATOR OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

521-900 Datasheet(HTML) 1 Page - API Technologies Corp

  521-900 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
!
!
!
!
!
Low Phase Noise Bipolar Transistor
!
!
!
!
!
Rugged Construction for Extreme
Environmental Conditions
!
!
!
!
!
High Frequency Stability
!
!
!
!
!
VoltageTuned
Specifications
Maximum Ratings
Ambient Operating Temperature ............. -55ºC to +100 ºC
Storage Temperature .............................. -62ºC to +125 ºC
Case Temperature ............................................... +125 ºC
DC Voltage ....................................................... +20 Volts
Maximum DC Tuning Voltage............................ +20 Volts
Minimum DC Tuning Voltage................................. 0 Volts
NOTE: Care should always be taken to effectively ground
the case of each unit.
Rev.
9/23/08
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Mechanical Outline
COAXIAL RESONATOR
OSCILLATOR
Series 521
900 - 1100 MHz
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -20 ºC to +70 ºC
Frequency
900 - 1100 MHz
900 - 1100 MHz
Supply Power DC
15
15
mA
70
80
VSWR
1.5
2.0
Phase Noise (dB)
-48 dBc/Hz @ 100 Hz
@ 900 MHz
-88 dBc/Hz @ 1 KHz
-113 dBc/Hz @ 10 KHz
-137 dBc/Hz @ 100 KHz
-148 dBc/Hz @ 1 MHz
Spurious (dBc)
-80
-80
Output Power (dBm)
+10
+13 Max.
Harmonics (dBc)
-25
-25
Storage Temperature
-55 ºC
+125 ºC
Spectrum Microwave CROs produce impressive
frequency stability and phase noise when used in a
properly designed oscillator circuit.
Frequency Pulling
+/- 0.02%
+/- 0.03%
Frequency Pushing
+/- .01% / Volt
+/- .02% / Volt
Temperature Drift
+/- 0.1%
+/- 0.15%


Similar Part No. - 521-900

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
521-91-108-12-051-001 PREDIP-521-91-108-12-051-001 Datasheet
62Kb / 1P
Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
logo
Dialight Corporation
521-9173 DIALIGHT-521-9173 Datasheet
17Kb / 1P
5mm DISCRETE LED LOW PROFILE DUFFUSED
521-9174 DIALIGHT-521-9174 Datasheet
17Kb / 1P
5mm DISCRETE LED LOW PROFILE DUFFUSED
521-9183 DIALIGHT-521-9183 Datasheet
83Kb / 11P
5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
521-9183 DIALIGHT-521-9183 Datasheet
83Kb / 11P
5mm LED CBI Circuit Board Indicator 250 LED Centerline
More results

Similar Description - 521-900

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
511071 APITECH-511071 Datasheet
61Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511055 APITECH-511055 Datasheet
61Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511053 APITECH-511053 Datasheet
61Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511069 APITECH-511069 Datasheet
61Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511067 APITECH-511067 Datasheet
61Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511062 APITECH-511062 Datasheet
61Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511061 APITECH-511061 Datasheet
66Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511058 APITECH-511058 Datasheet
61Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511-1100 APITECH-511-1100 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511-1200 APITECH-511-1200 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com