| Electronic Components Datasheet Search |
|
PIC18F2680ISOSQTP Datasheet(PDF) 341 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISOSQTP Datasheet(HTML) 341 Page - Microchip Technology |
|
341 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 339 PIC18F2585/2680/4585/4680 The PIC18F2585/2680/4585/4680 devices are error- active if both error counters are below the error-passive limit of 128. They are error-passive if at least one of the error counters equals or exceeds 128. They go to bus- off if the transmit error counter equals or exceeds the bus-off limit of 256. The devices remain in this state until the bus-off recovery sequence is received. The bus-off recovery sequence consists of 128 occurrences of 11 consecutive recessive bits (see Figure 23-8). Note that the CAN module, after going bus-off, will recover back to error-active without any intervention by the MCU if the bus remains Idle for 128 x 11 bit times. If this is not desired, the error Interrupt Service Routine should address this. The current Error mode of the CAN module can be read by the MCU via the COMSTAT register. Additionally, there is an Error State Warning flag bit, EWARN, which is set if at least one of the error counters equals or exceeds the error warning limit of 96. EWARN is reset if both error counters are less than the error warning limit. FIGURE 23-8: ERROR MODES STATE DIAGRAM 23.15 CAN Interrupts The module has several sources of interrupts. Each of these interrupts can be individually enabled or disabled. The PIR3 register contains interrupt flags. The PIE3 register contains the enables for the 8 main interrupts. A special set of read-only bits in the CANSTAT register, the ICODE bits, can be used in combination with a jump table for efficient handling of interrupts. All interrupts have one source, with the exception of the error interrupt and buffer interrupts in Mode 1 and 2. Any of the error interrupt sources can set the error interrupt flag. The source of the error interrupt can be determined by reading the Communication Status register, COMSTAT. In Mode 1 and 2, there are two interrupt enable/disable and flag bits – one for all transmit buffers and the other for all receive buffers. The interrupts can be broken up into two categories: receive and transmit interrupts. The receive related interrupts are: • Receive Interrupts • Wake-up Interrupt • Receiver Overrun Interrupt • Receiver Warning Interrupt • Receiver Error-Passive Interrupt The transmit related interrupts are: • Transmit Interrupts • Transmitter Warning Interrupt • Transmitter Error-Passive Interrupt • Bus-Off Interrupt Bus- Off Error- Active Error- Passive RXERRCNT < 127 or TXERRCNT < 127 RXERRCNT > 127 or TXERRCNT > 127 TXERRCNT > 255 128 occurrences of 11 consecutive “recessive” bits Reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |